データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5-1415075-1 データシート(PDF) 2 Page - TE Connectivity Ltd

部品番号 5-1415075-1
部品情報  Mechanical and electrical indicator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5-1415075-1 データシート(HTML) 2 Page - TE Connectivity Ltd

  5-1415075-1 Datasheet HTML 1Page - TE Connectivity Ltd 5-1415075-1 Datasheet HTML 2Page - TE Connectivity Ltd 5-1415075-1 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
Product Sets
Relay Package PT (Continued)
Other data
PT2
PT3
PT5
Mechanical endurance
DC coil
30 x 106 cycles
AC coil
20 x 106 cycles
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature range
for mounting/handling
-25...+70°C
in operation
-40...+70°C
Processing
Terminals
screw
Terminal screw torque acc. IEC 61984
0.5 Nm
max.
0.7 Nm
Wire cross section
single wire
2 x 2.5 mm2
fine wire
2 x 2.5 mm2
with bootlace crimp (DIN 46228/1)
2 x 1.5 mm2
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
≥ 0 mm, dense packing of sockets
Weight
with PT78720/PT78730/PT78740 71 g
78 g
85 g
with PT78722/PT78742
74 g
-
90 g
Packaging unit
5 pcs
Dimensions
Package with PT78 720 / PT78 730 / PT78 740
S0427-D
Package with PT78 722 / PT78 742
S0489-CI


同様の部品番号 - 5-1415075-1

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
5-1415002-1 TEC-5-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
5-1415008-1 TEC-5-1415008-1 Datasheet
377Kb / 4P
   Plug-in version, PCB terminals, chassis or DIN rail mount
5-1415008-1 TEC-5-1415008-1 Datasheet
363Kb / 4P
   General Purpose
logo
Tyco Electronics
5-1415019-1 MACOM-5-1415019-1 Datasheet
553Kb / 3P
   General Purpose Relays Force Guided Relays
logo
TE Connectivity Ltd
5-1415019-1 TEC-5-1415019-1 Datasheet
394Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
More results

同様の説明 - 5-1415075-1

メーカー部品番号データシート部品情報
logo
Intel Corporation
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
logo
TE Connectivity Ltd
RM-2 TEC-RM-2 Datasheet
333Kb / 4P
   Mechanical indicator
RM8 TEC-RM8 Datasheet
293Kb / 3P
   Mechanical indicator
logo
MERITEK ELECTRONICS COR...
CR MERITEK-CR Datasheet
298Kb / 7P
   Excellent mechanical strength and electrical stability
logo
Motorola, Inc
MC143120B1 MOTOROLA-MC143120B1 Datasheet
685Kb / 16P
   NEURON CHIP ELECTRICAL AND MECHANICAL SPECIFICATIONS
logo
Lorlin Electronics Ltd.
GCK LORLIN-GCK Datasheet
707Kb / 2P
   ELECTRICAL & MECHANICAL SPECIFICATION
GCK1024 LORLIN-GCK1024 Datasheet
707Kb / 2P
   ELECTRICAL & MECHANICAL SPECIFICATION
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com