データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7-1393303-3 データシート(PDF) 1 Page - TE Connectivity Ltd

部品番号 7-1393303-3
部品情報  Automotive Relays Plug-in Maxi ISO Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393303-3 データシート(HTML) 1 Page - TE Connectivity Ltd

  7-1393303-3 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393303-3 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393303-3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
03-2016, Rev. 0316
www.te.com
© 2016 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog, product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
■ Pin assignment similar to ISO 7588 part 1
■ Customized versions on request
– 24VDC versions with contact gap >0.8mm
– Integrated components (e.g. resistor, diode)
– Customized marking/color
– Special covers (e.g. notches, release features, brackets)
Typical applications
Cross carline up to 70A for example: ABS control, cooling fan, energy
management, engine control, glow plug, heated front screen, ignition,
lamps: front, rear, fog light, main switch/supply relay.
Contact Data
Contact arrangement
1 form A,
1 form A,
1 form A,
1 NO
1 NO
1 NO
Contact gap
>0.8mm
Rated voltage
12VDC
24VDC
24VDC1)
Limiting continuous current
23°C
70A
70A
70A
85°C
50A
50A
50A
125°C
30A
30A
30A
Limiting making current2)
240A
240A
240A
Limiting breaking current
70A
25A
40A
Limiting short-time current
overload current, ISO 8820-33)
1.35 x 50A, 1800s
2.00 x 50A, 5s
3.50 x 50A, 0.5s
6.00 x 50A, 0.2s
Jump start test, ISO 16750-1
24VDC for 5min,
conducting nominal current at 23°C
Contact material
Silver based
Min. recommended contact load4)
1A at 5VDC
Initial voltage drop,
form A (NO) contact at 10A, typ./max.
10/300mV
Frequency of operation at nominal load
6 ops./min (0.1Hz)
Operate/release time typ.
7/2ms5)
Electrical endurance
resistive load at 14VDC
>1x105 ops.
70A
>2x105 ops.
50A
resistive load at 28VDC
>1x105ops. >1x105 ops.
25A
40A
Power Relay F7
Automotive Relays
Plug-in Maxi ISO Relays
F134J_a_bw
Contact Data (continued)
Mechanical endurance
>1x107ops.
1) Special high performance 24VDC version with contact gap >0.8mm.
2) The values apply to a resistive or inductive load with suitable spark suppression and
at maximum 14VDC for 12VDC or 28VDC for 24VDC load voltages. For a load current
duration of maximum 3s for a make/break ratio of 1:10.
3) Current and time are compatible with circuit protection by a typical automotive fuse.
Relay will make, carry and break the specified current.
4) See chapter Diagnostics of Relays in our Application Notes or consult the internet at
http://relays.te.com/appnotes/
5) For unsuppressed relay coil. A low resistive suppression device in parallel to the relay
coil increases the release time and reduces the lifetime caused by increased erosion
and/or higher risk of contact tack welding.
Coil Data
Rated coil voltage
12VDC, 24VDC
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance6)
power6)
VDC
VDC
VDC
Ω±10%
W
052
12
7.2
1.6
90
1.6
053
24
14.4
3.2
324
1.8
056
24
16.0
4.0
268
2.1
065
24
14.4
2.4
288
2.0
165
24
14.4
2.4
288
2.0
6) Without components in parallel.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Does not take into account
the temperature rise due to
the contact current
E = pre-energization
TEVF4_OVR1
Does not take into account the temperature rise due to the contact current
E = pre-energization.
Coil operating range
ECR0629-N
Load limit curve: safe shutdown, no stationary arc/make contact.
Load limit curve measured with low inductive resistors verified for 1000 switching events.
Max. DC load breaking capacity


同様の部品番号 - 7-1393303-3

メーカー部品番号データシート部品情報
logo
Tyco Electronics
7-1393303-3 MACOM-7-1393303-3 Datasheet
315Kb / 4P
   Power Relay F7
logo
TE Connectivity Ltd
7-1393303-3 TEC-7-1393303-3 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
More results

同様の説明 - 7-1393303-3

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
V23134-F7 TEC-V23134-F7 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
logo
List of Unclassifed Man...
1393304-5 ETC2-1393304-5 Datasheet
315Kb / 4P
   Plug-in Maxi ISO Relays
logo
TE Connectivity Ltd
F4-A TEC-F4-A Datasheet
298Kb / 3P
   Automotive Relays Plug-in Mini ISO Relays
V23234-B TEC-V23234-B Datasheet
235Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
6-1393298-5 MACOM-6-1393298-5 Datasheet
805Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
TE Connectivity Ltd
V23134-F4 TEC-V23134-F4 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
VFMA TEC-VFMA Datasheet
262Kb / 4P
   Automotive Relays Plug-in Micro ISO Relays
logo
Tyco Electronics
13801 MACOM-13801 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com