データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4-1419106-0 データシート(PDF) 1 Page - TE Connectivity Ltd

部品番号 4-1419106-0
部品情報  Connectors for Mini ISO Relays
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1419106-0 データシート(HTML) 1 Page - TE Connectivity Ltd

  4-1419106-0 Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Automotive Relays
Accessories (Production North America only)
Connectors for Mini ISO Relays
01-2014, Rev. 0114
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
PCB Socket
VCF4-1000
(Mounting Recommendation: To keep insertion force away from the PCB the soldering of the socket to the PCB should be done with already inserted relay).
Connector
VCF4-1001
(Terminals to be ordered separately).
Connector with Mounting Flap
(To be mounted individually or can be interlocked).
VCF4-1002
(Crimp terminals to be ordered separately).
PC Board Socket
VCF4-1000
.945
(24.0)
1.043
(26.5)
.111
(2.8)
.040
(1.0)
.274
(7.0)
2 LOCATING
PINS
.571
(14.5)
.805
(20.4)
.295
(7.5)
.256
(6.5)
.083
(2.1)
.092
(2.3)
5 HOLES
.143
(3.6)
.315
(8.0)
.331
(8.4)
.705
(17.9)
.083
(2.1)
.512
(13.0)
.665
(16.9)
Wiring Harness Style Connector
(order terminals separately)
VCF4-1001
.945
(24.0)
1.043
(26.5)
.905
(23.0)
.090
(2.3)
Wiring Harness Style, Bracket Mount Socket
(order terminals separately)
VCF4-1002
.48
(12.2)
1.00
(25.4)
1.57
(39.9)
24A111 terminal retainer
supplied with
connector
.218
(5.5)
.36
(9.1)
1.20
(30.5)
1.31
(33.3)
Selection of fitting crimp terminals 1) 2)
Part numbers for connectors
Wire mm²
(AWG)
Quantity required
Part number for crimp terminals
Product code
Part number
Form A Form C
VCF4-1000
1393310-3
VCF4-1001
3-1393310-7
1.3 - 3.3 (16-12)
0.8 - 2.1 (18-14)
4
5
60249-1
42281-1
VCF4-1002
4-1419106-0
0.5 - 0.8 (20-18)
1.3 - 2.1 (16-14)
3.3 - 5.3 (12-10)
4
5
1-1393310-8
1-1393310-9
2-1393310-0
1) Crimp terminals are to be ordered separately.
2) Mentioned crimp terminals are delivered in strip form. Loose pieces and hand tool available on request.


同様の部品番号 - 4-1419106-0

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
4-1419104-0 TEC-4-1419104-0 Datasheet
736Kb / 4P
   Plastic sealed case available
4-1419104-0 TEC-4-1419104-0 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
4-1419104-1 TEC-4-1419104-1 Datasheet
736Kb / 4P
   Plastic sealed case available
4-1419104-1 TEC-4-1419104-1 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
4-1419104-2 TEC-4-1419104-2 Datasheet
736Kb / 4P
   Plastic sealed case available
More results

同様の説明 - 4-1419106-0

メーカー部品番号データシート部品情報
logo
Tyco Electronics
V23333 MACOM-V23333 Datasheet
308Kb / 3P
   Connectors for Mini ISO Relays Connectors (Production Europe only)
logo
Littelfuse
02040707Z LITTELFUSE-02040707Z Datasheet
279Kb / 1P
   ISO MINI Relays
logo
Tyco Electronics
13801 MACOM-13801 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
TE Connectivity Ltd
F4-A TEC-F4-A Datasheet
298Kb / 3P
   Automotive Relays Plug-in Mini ISO Relays
V23234-B TEC-V23234-B Datasheet
235Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
6-1393298-5 MACOM-6-1393298-5 Datasheet
805Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
TE Connectivity Ltd
V23134-F4 TEC-V23134-F4 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com