データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3-1393789-6 データシート(PDF) 5 Page - TE Connectivity Ltd

部品番号 3-1393789-6
部品情報  Standard telecom relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393789-6 データシート(HTML) 5 Page - TE Connectivity Ltd

  3-1393789-6 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393789-6 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393789-6 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393789-6 Datasheet HTML 4Page - TE Connectivity Ltd 3-1393789-6 Datasheet HTML 5Page - TE Connectivity Ltd 3-1393789-6 Datasheet HTML 6Page - TE Connectivity Ltd 3-1393789-6 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
07-2015, Rev.0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
AXICOM
12
9
16
12
9
NEW
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
USED ON
P
LTR
APVD
DATE
REVISION RECORD
DWN
SIZE
OF
C
1
2
3
4
5
6
7
8
A
B
DRAWING NO
LOC
DIST
D
SHEET
REV
APVD
DWN
CHK
NAME
SCALE
MATERIAL
HEAT TREAT
ANGLES
SURFACE TEXTURE
3306-7 (3/11)
A3
TE Connectivity
B
B
A
A
PS conductivity 10
B-B
2:1
2:1
1.2+0.2
0
4±0.1
max. R0.3
max. 3°
4±0.2
10±0.2
12±0.2
16±0.15
(8)
1.5 0.1
2±0.1
1.5 0.1
12.2±0.2
( 1.5)
(48)
max.
max. 3°
1.5
1.5
-9 S/m
roztec transportnich otvoru
distance of transport holes
4x10=40±0.2mm
4x11=44±0.2mm
4x12=48±0.2mm
A-A
-
30.3.2012
-
Zdenek Curda
-
-
-
mm
30.3.2012
-
0.1
Petr Hofman
0.01
-
0.001
0.0001
P2L3 - Blister tape long terminals
-
-
-
4:1
C23303-A079-C121
1
1
3
3 -
30.03.2012
ZC
PH
2 -
17.06.2011
PH 9122
1 -
25.05.1998
PH 9122
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
USED ON
P
LTR
APVD
DATE
REVISION RECORD
DWN
SIZE
OF
C
1
2
3
4
5
6
7
8
A
B
DRAWING NO
LOC
DIST
D
SHEET
REV
APVD
DWN
CHK
NAME
SCALE
MATERIAL
HEAT TREAT
ANGLES
SURFACE TEXTURE
3306-7 (3/11)
A3
TE Connectivity
B
B
A
A
PS conductivity 10
B-B
2:1
2:1
1.2+0.2
0
4±0.1
max. R0.3
max. 3°
4±0.2
10±0.2
12±0.2
16±0.15
(8)
1.5 0.1
2±0.1
1.5 0.1
12.2±0.2
( 1.5)
(48)
max.
max. 3°
1.5
1.5
-9 S/m
roztec transportnich otvoru
distance of transport holes
4x10=40±0.2mm
4x11=44±0.2mm
4x12=48±0.2mm
A-A
-
30.3.2012
-
Zdenek Curda
-
-
-
mm
30.3.2012
-
0.1
Petr Hofman
0.01
-
0.001
0.0001
P2L3 - Blister tape long terminals
-
-
-
4:1
C23303-A079-C121
1
1
3
3 -
30.03.2012
ZC
PH
2 -
17.06.2011
PH 9122
1 -
25.05.1998
PH 9122
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
USED ON
P
LTR
APVD
DATE
REVISION RECORD
DWN
SIZE
OF
C
1
2
3
4
5
6
7
8
A
B
DRAWING NO
LOC
DIST
D
SHEET
REV
APVD
DWN
CHK
NAME
SCALE
MATERIAL
HEAT TREAT
ANGLES
SURFACE TEXTURE
3306-7 (3/11)
A3
TE Connectivity
B
B
A
A
PS conductivity 10
B-B
2:1
2:1
1.2+0.2
0
4±0.1
max. R0.3
max. 3°
4±0.2
10±0.2
12±0.2
16±0.15
(8)
1.5 0.1
2±0.1
1.5 0.1
12.2±0.2
( 1.5)
(48)
max.
max. 3°
1.5
1.5
-9 S/m
roztec transportnich otvoru
distance of transport holes
4x10=40±0.2mm
4x11=44±0.2mm
4x12=48±0.2mm
A-A
-
30.3.2012
-
Zdenek Curda
-
-
-
mm
30.3.2012
-
0.1
Petr Hofman
0.01
-
0.001
0.0001
P2L3 - Blister tape long terminals
-
-
-
4:1
C23303-A079-C121
1
1
3
3 -
30.03.2012
ZC
PH
2 -
17.06.2011
PH 9122
1 -
25.05.1998
PH 9122
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
USED ON
P
LTR
APVD
DATE
REVISION RECORD
DWN
SIZE
OF
C
1
2
3
4
5
6
7
8
A
B
DRAWING NO
LOC
DIST
D
SHEET
REV
APVD
DWN
CHK
NAME
SCALE
MATERIAL
HEAT TREAT
ANGLES
SURFACE TEXTURE
3306-7 (3/11)
A3
TE Connectivity
A
A
B
B
PS conductivity 10
B-B
2:1
2:1
1.2+0.2
0
12±0.15
4±0.1
2±0.1
1.5 0.1
4±0.2
max. 3°
1.5 0.1
8±0.2
9±0.2
max. R
0.3
9.1±0.2
max. 3°
max. 3°
1.5
1.5
-9 S/m
roztec transportnich otvoru
distance of transport holes
4x10=40±0.2mm
4x11=44±0.2mm
4x12=48±0.2mm
A-A
-
26.3.2012
-
Zdenek Curda
-
-
-
mm
26.3.2012
-
0.1
Petr Hofman
0.01
-
0.001
0.0001
P2L2/P2L3/FU2 - Blister tape short terminals
-
-
-
4:1
C23303-A079-C120
1
1
8
8 -
26.3.2012
ZC
PH
7 -
13.12.2005
9193 9121
1 -
25.05.1998
9188 9151
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
USED ON
P
LTR
APVD
DATE
REVISION RECORD
DWN
SIZE
OF
C
1
2
3
4
5
6
7
8
A
B
DRAWING NO
LOC
DIST
D
SHEET
REV
APVD
DWN
CHK
NAME
SCALE
MATERIAL
HEAT TREAT
ANGLES
SURFACE TEXTURE
3306-7 (3/11)
A3
TE Connectivity
A
A
B
B
PS conductivity 10
B-B
2:1
2:1
1.2+0.2
0
12±0.15
4±0.1
2±0.1
1.5 0.1
4±0.2
max. 3°
1.5 0.1
8±0.2
9±0.2
max. R
0.3
9.1±0.2
max. 3°
max. 3°
1.5
1.5
-9 S/m
roztec transportnich otvoru
distance of transport holes
4x10=40±0.2mm
4x11=44±0.2mm
4x12=48±0.2mm
A-A
-
26.3.2012
-
Zdenek Curda
-
-
-
mm
26.3.2012
-
0.1
Petr Hofman
0.01
-
0.001
0.0001
P2L2/P2L3/FU2 - Blister tape short terminals
-
-
-
4:1
C23303-A079-C120
1
1
8
8 -
26.3.2012
ZC
PH
7 -
13.12.2005
9193 9121
1 -
25.05.1998
9188 9151
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
USED ON
P
LTR
APVD
DATE
REVISION RECORD
DWN
SIZE
OF
C
1
2
3
4
5
6
7
8
A
B
DRAWING NO
LOC
DIST
D
SHEET
REV
APVD
DWN
CHK
NAME
SCALE
MATERIAL
HEAT TREAT
ANGLES
SURFACE TEXTURE
3306-7 (3/11)
A3
TE Connectivity
A
A
B
B
PS conductivity 10
B-B
2:1
2:1
1.2+0.2
0
12±0.15
4±0.1
2±0.1
1.5 0.1
4±0.2
max. 3°
1.5 0.1
8±0.2
9±0.2
max. R
0.3
9.1±0.2
max. 3°
max. 3°
1.5
1.5
-9 S/m
roztec transportnich otvoru
distance of transport holes
4x10=40±0.2mm
4x11=44±0.2mm
4x12=48±0.2mm
A-A
-
26.3.2012
-
Zdenek Curda
-
-
-
mm
26.3.2012
-
0.1
Petr Hofman
0.01
-
0.001
0.0001
P2L2/P2L3/FU2 - Blister tape short terminals
-
-
-
4:1
C23303-A079-C120
1
1
8
8 -
26.3.2012
ZC
PH
7 -
13.12.2005
9193 9121
1 -
25.05.1998
9188 9151
Tape and reel for SMT
16 16
12
9
NEW
NEW
Signal Relays
P2 Relay V23079 (Continued)


同様の部品番号 - 3-1393789-6

メーカー部品番号データシート部品情報
logo
Tyco Electronics
3-1393789-6 MACOM-3-1393789-6 Datasheet
2Mb / 7P
   P2 Relay V23079
logo
TE Connectivity Ltd
3-1393789-6 TEC-3-1393789-6 Datasheet
1Mb / 7P
   Standard telecom relay
More results

同様の説明 - 3-1393789-6

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
V23079 TEC-V23079 Datasheet
1Mb / 7P
   Standard telecom relay
logo
Picker Components
PC332 PICKER-PC332 Datasheet
147Kb / 2P
   Telecom Relay
logo
TE Connectivity Ltd
FT2 TEC-FT2 Datasheet
1Mb / 5P
   Telecom/signal relay
logo
Picker Components
PC312B PICKER-PC312B Datasheet
171Kb / 2P
   Subminiature PCB Telecom Relay
PC312B PICKER-PC312B_14 Datasheet
173Kb / 2P
   Subminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4516 DBLECTRO-HG4516 Datasheet
59Kb / 2P
   Subminiature PCB Telecom Relay
HG4507 DBLECTRO-HG4507 Datasheet
49Kb / 2P
   Ultraminiature PCB Telecom Relay
logo
Picker Components
PC307 PICKER-PC307_14 Datasheet
175Kb / 2P
   Ultraminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4100 DBLECTRO-HG4100 Datasheet
58Kb / 2P
   Subminiature PCB Telecom Relay
logo
Picker Components
PC322 PICKER-PC322 Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com