データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4-1393190-3 データシート(PDF) 2 Page - TE Connectivity Ltd

部品番号 4-1393190-3
部品情報  UL Class F coil insulation system
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1393190-3 データシート(HTML) 2 Page - TE Connectivity Ltd

  4-1393190-3 Datasheet HTML 1Page - TE Connectivity Ltd 4-1393190-3 Datasheet HTML 2Page - TE Connectivity Ltd 4-1393190-3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
General Purpose Relays
PCB Relays
Miniature PCB Relay T7C (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-30°C to +85°C
Category of environmental protection
IEC 61810
RTII - flux proof
RTIII - wash tight
Shock resistance (functional)
10g
Shock resistance (destructive)
100g
Weight
12g
Resistance to soldering heat THT
IEC 60068-2-20
RTII: 270°C/10s
RTIII: 260°C/5s
Packaging unit
tube/40 pcs., carton box/1000 pcs.
Accessories
Product Code
Description
27E1064
Socket, rated 10A at 300VAC. UL Recognized for US
and Canada. Designed to fit same suggested board
layout as relay.
20C430
Spring is designed to secure T7C relay in 27E1064
socket.
441
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
T7CV5D-05
T7CV5D-06
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
T7CV5D-12
T7CV5D-24
T7CS5D-05
T7CS5D-06
T7CS5D-12
T7CS5D-24
1 Form A
Suggested PC Board Layouts (Bottom Views)
1 Form A
Wiring Diagrams (Bottom Views)
1 Form C
1 Form C
Outline Dimensions
.795
± .02
(20.2
± .5)
.65
(16.50)
.795
± .02
(20.2
± .5)
.197 MAX.
(5.0)
Movable
Contact Terminal:
.012 x.039 (0.3 x 1.0)
Stationary
Contact Terminals:
.012 x .039 (0.3 x 1.0)
Coil
Terminals:
.022 x .022 (.56 x .56)
2-.051Ø
(1.3)
2-.043Ø
(2-1.1)
.236 ± .008
(6 ± .2)
.48 ± .008
(12.2 ± .2)
.079 ± .008
(2 ± .2)
.236 ± .008
(6 ± .2)
3-.051Ø
(1.3)
2-.043Ø
(2-1.1)
.236 ± .008
(6 ± .2)
.48 ± .008
(12.2 ± .2)
.079 ± .008
(2 ± .2)
.236 ± .008
(6 ± .2)
Ordering Information
Typical Part Number
B
T7C
V
5
D
-24
1. Basic Series:
T7C = Miniature power relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable case with knock-off nib.
3. Contact Arrangement:
1 = 1 Form A (SPST-NO)
5 = 1 Form C (SPDT)
4. Coil Input:
D = DC Voltage
5. Contact Material:
Leave Blank = Silver Cadmium Oxide (12A Max. Rating)
2 = Silver (5A Max. Rating)
6. Coil Voltage:
03 = 3VDC
05 = 5VDC
06 = 6VDC
09 = 9VDC
12 = 12VDC
18 = 18VDC
24 = 24VDC
48 = 48VDC
* Not suitable for immersion cleaning processes.
Socket
Hold-Down Spring
.167 MAX.
(4.25)
.270 MAX.
(6.85)
.916 MAX.
(23.35)
.660 MAX.
(16.75)
.016 TYP.
(.40)
27E1064 socket is rated 10A @ 300VAC. UL Recognized for US and
Canada. Designed to fit same suggested board layout as relay.
20C430 spring is designed to secure T7C relay in 27E1064 socket.
Terminal assignment
Bottom view on solder pins
441
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
T7CV5D-05
T7CV5D-06
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
T7CV5D-12
T7CV5D-24
T7CS5D-05
T7CS5D-06
T7CS5D-12
T7CS5D-24
1 Form A
Suggested PC Board Layouts (Bottom Views)
1 Form A
Wiring Diagrams (Bottom Views)
1 Form C
1 Form C
Outline Dimensions
.795
± .02
(20.2
± .5)
.65
(16.50)
.795
± .02
(20.2
± .5)
.197 MAX.
(5.0)
Movable
Contact Terminal:
.012 x.039 (0.3 x 1.0)
Stationary
Contact Terminals:
.012 x .039 (0.3 x 1.0)
Coil
Terminals:
.022 x .022 (.56 x .56)
2-.051Ø
(1.3)
2-.043Ø
(2-1.1)
.236 ± .008
(6 ± .2)
.48 ± .008
(12.2 ± .2)
.079 ± .008
(2 ± .2)
.236 ± .008
(6 ± .2)
3-.051Ø
(1.3)
2-.043Ø
(2-1.1)
.236 ± .008
(6 ± .2)
.48 ± .008
(12.2 ± .2)
.079 ± .008
(2 ± .2)
.236 ± .008
(6 ± .2)
Ordering Information
Typical Part Number
B
T7C
V
5
D
-24
1. Basic Series:
T7C = Miniature power relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable case with knock-off nib.
3. Contact Arrangement:
1 = 1 Form A (SPST-NO)
5 = 1 Form C (SPDT)
4. Coil Input:
D = DC Voltage
5. Contact Material:
Leave Blank = Silver Cadmium Oxide (12A Max. Rating)
2 = Silver (5A Max. Rating)
6. Coil Voltage:
03 = 3VDC
05 = 5VDC
06 = 6VDC
09 = 9VDC
12 = 12VDC
18 = 18VDC
24 = 24VDC
48 = 48VDC
* Not suitable for immersion cleaning processes.
Socket
Hold-Down Spring
.167 MAX.
(4.25)
.270 MAX.
(6.85)
.916 MAX.
(23.35)
.660 MAX.
(16.75)
.016 TYP.
(.40)
27E1064 socket is rated 10A @ 300VAC. UL Recognized for US and
Canada. Designed to fit same suggested board layout as relay.
20C430 spring is designed to secure T7C relay in 27E1064 socket.
Dimensions
PCB layout
Bottom view on solder pins
441
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
T7CV5D-05
T7CV5D-06
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
T7CV5D-12
T7CV5D-24
T7CS5D-05
T7CS5D-06
T7CS5D-12
T7CS5D-24
1 Form A
Suggested PC Board Layouts (Bottom Views)
1 Form A
Wiring Diagrams (Bottom Views)
1 Form C
1 Form C
Outline Dimensions
.795
± .02
(20.2
± .5)
.65
(16.50)
.795
± .02
(20.2
± .5)
.197 MAX.
(5.0)
Movable
Contact Terminal:
.012 x.039 (0.3 x 1.0)
Stationary
Contact Terminals:
.012 x .039 (0.3 x 1.0)
Coil
Terminals:
.022 x .022 (.56 x .56)
2-.051Ø
(1.3)
2-.043Ø
(2-1.1)
.236 ± .008
(6 ± .2)
.48 ± .008
(12.2 ± .2)
.079 ± .008
(2 ± .2)
.236 ± .008
(6 ± .2)
3-.051Ø
(1.3)
2-.043Ø
(2-1.1)
.236 ± .008
(6 ± .2)
.48 ± .008
(12.2 ± .2)
.079 ± .008
(2 ± .2)
.236 ± .008
(6 ± .2)
Ordering Information
Typical Part Number
B
T7C
V
5
D
-24
1. Basic Series:
T7C = Miniature power relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable case with knock-off nib.
3. Contact Arrangement:
1 = 1 Form A (SPST-NO)
5 = 1 Form C (SPDT)
4. Coil Input:
D = DC Voltage
5. Contact Material:
Leave Blank = Silver Cadmium Oxide (12A Max. Rating)
2 = Silver (5A Max. Rating)
6. Coil Voltage:
03 = 3VDC
05 = 5VDC
06 = 6VDC
09 = 9VDC
12 = 12VDC
18 = 18VDC
24 = 24VDC
48 = 48VDC
* Not suitable for immersion cleaning processes.
Socket
Hold-Down Spring
.167 MAX.
(4.25)
.270 MAX.
(6.85)
.916 MAX.
(23.35)
.660 MAX.
(16.75)
.016 TYP.
(.40)
27E1064 socket is rated 10A @ 300VAC. UL Recognized for US and
Canada. Designed to fit same suggested board layout as relay.
20C430 spring is designed to secure T7C relay in 27E1064 socket.
1 form C (CO)
1 form A (NO)
1 form C (CO)
1 form A (NO)
441
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
T7CV5D-05
T7CV5D-06
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
T7CV5D-12
T7CV5D-24
T7CS5D-05
T7CS5D-06
T7CS5D-12
T7CS5D-24
1 Form A
Suggested PC Board Layouts (Bottom Views)
1 Form A
Wiring Diagrams (Bottom Views)
1 Form C
1 Form C
Outline Dimensions
.795
± .02
(20.2
± .5)
.65
(16.50)
.795
± .02
(20.2
± .5)
.197 MAX.
(5.0)
Movable
Contact Terminal:
.012 x.039 (0.3 x 1.0)
Stationary
Contact Terminals:
.012 x .039 (0.3 x 1.0)
Coil
Terminals:
.022 x .022 (.56 x .56)
2-.051Ø
(1.3)
2-.043Ø
(2-1.1)
.236 ± .008
(6 ± .2)
.48 ± .008
(12.2 ± .2)
.079 ± .008
(2 ± .2)
.236 ± .008
(6 ± .2)
3-.051Ø
(1.3)
2-.043Ø
(2-1.1)
.236 ± .008
(6 ± .2)
.48 ± .008
(12.2 ± .2)
.079 ± .008
(2 ± .2)
.236 ± .008
(6 ± .2)
Ordering Information
Typical Part Number
B
T7C
V
5
D
-24
1. Basic Series:
T7C = Miniature power relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable case with knock-off nib.
3. Contact Arrangement:
1 = 1 Form A (SPST-NO)
5 = 1 Form C (SPDT)
4. Coil Input:
D = DC Voltage
5. Contact Material:
Leave Blank = Silver Cadmium Oxide (12A Max. Rating)
2 = Silver (5A Max. Rating)
6. Coil Voltage:
03 = 3VDC
05 = 5VDC
06 = 6VDC
09 = 9VDC
12 = 12VDC
18 = 18VDC
24 = 24VDC
48 = 48VDC
* Not suitable for immersion cleaning processes.
Socket
Hold-Down Spring
.167 MAX.
(4.25)
.270 MAX.
(6.85)
.916 MAX.
(23.35)
.660 MAX.
(16.75)
.016 TYP.
(.40)
27E1064 socket is rated 10A @ 300VAC. UL Recognized for US and
Canada. Designed to fit same suggested board layout as relay.
20C430 spring is designed to secure T7C relay in 27E1064 socket.
441
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
T7CV5D-05
T7CV5D-06
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
T7CV5D-12
T7CV5D-24
T7CS5D-05
T7CS5D-06
T7CS5D-12
T7CS5D-24
1 Form A
Suggested PC Board Layouts (Bottom Views)
1 Form A
Wiring Diagrams (Bottom Views)
1 Form C
1 Form C
Outline Dimensions
.795
± .02
(20.2
± .5)
.65
(16.50)
.795
± .02
(20.2
± .5)
.197 MAX.
(5.0)
Movable
Contact Terminal:
.012 x.039 (0.3 x 1.0)
Stationary
Contact Terminals:
.012 x .039 (0.3 x 1.0)
Coil
Terminals:
.022 x .022 (.56 x .56)
2-.051Ø
(1.3)
2-.043Ø
(2-1.1)
.236 ± .008
(6 ± .2)
.48 ± .008
(12.2 ± .2)
.079 ± .008
(2 ± .2)
.236 ± .008
(6 ± .2)
3-.051Ø
(1.3)
2-.043Ø
(2-1.1)
.236 ± .008
(6 ± .2)
.48 ± .008
(12.2 ± .2)
.079 ± .008
(2 ± .2)
.236 ± .008
(6 ± .2)
Ordering Information
Typical Part Number
B
T7C
V
5
D
-24
1. Basic Series:
T7C = Miniature power relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable case with knock-off nib.
3. Contact Arrangement:
1 = 1 Form A (SPST-NO)
5 = 1 Form C (SPDT)
4. Coil Input:
D = DC Voltage
5. Contact Material:
Leave Blank = Silver Cadmium Oxide (12A Max. Rating)
2 = Silver (5A Max. Rating)
6. Coil Voltage:
03 = 3VDC
05 = 5VDC
06 = 6VDC
09 = 9VDC
12 = 12VDC
18 = 18VDC
24 = 24VDC
48 = 48VDC
* Not suitable for immersion cleaning processes.
Socket
Hold-Down Spring
.167 MAX.
(4.25)
.270 MAX.
(6.85)
.916 MAX.
(23.35)
.660 MAX.
(16.75)
.016 TYP.
(.40)
27E1064 socket is rated 10A @ 300VAC. UL Recognized for US and
Canada. Designed to fit same suggested board layout as relay.
20C430 spring is designed to secure T7C relay in 27E1064 socket.
Movable contact terminal:
.012x.039 (0.3x1.0)
Stationary contact terminals:
.012x.039 (0.3x1.0)
Coil terminals:
.022x.022 (.56x.56)


同様の部品番号 - 4-1393190-3

メーカー部品番号データシート部品情報
logo
Tyco Electronics
4-1393190-3 MACOM-4-1393190-3 Datasheet
1Mb / 3P
   add new type and modify mistake
More results

同様の説明 - 4-1393190-3

メーカー部品番号データシート部品情報
logo
Allied Components Inter...
AETD39-3644 ALLIED-AETD39-3644_18 Datasheet
885Kb / 2P
   UL Class B 130 Insulation System File
logo
CIT Relay & Switch
J123F CIT-J123F Datasheet
130Kb / 2P
   UL F class rated standard
J115F2 CIT-J115F2 Datasheet
176Kb / 3P
   UL F class rated standard
J115F1 CIT-J115F1 Datasheet
190Kb / 3P
   UL F class rated standard
J117F CIT-J117F Datasheet
92Kb / 3P
   UL F class rated standard
J115F3 CIT-J115F3 Datasheet
171Kb / 3P
   UL F class rated standard
J107F CIT-J107F Datasheet
94Kb / 3P
   UL F class rated standard
J109F CIT-J109F Datasheet
90Kb / 3P
   UL F class rated standard
logo
TE Connectivity Ltd
T92 TEC-T92 Datasheet
1Mb / 4P
   Meets requirements of UL Class F construction
logo
3M Electronics
1579 3M-1579 Datasheet
180Kb / 4P
   VentureClad??Insulation Jacketing System
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com