データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3-1393818-0 データシート(PDF) 1 Page - TE Connectivity Ltd

部品番号 3-1393818-0
部品情報  Great variety of contact arrangements and materials to meet specific applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393818-0 データシート(HTML) 1 Page - TE Connectivity Ltd

  3-1393818-0 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393818-0 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393818-0 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393818-0 Datasheet HTML 4Page - TE Connectivity Ltd 3-1393818-0 Datasheet HTML 5Page - TE Connectivity Ltd 3-1393818-0 Datasheet HTML 6Page - TE Connectivity Ltd 3-1393818-0 Datasheet HTML 7Page - TE Connectivity Ltd 3-1393818-0 Datasheet HTML 8Page - TE Connectivity Ltd 3-1393818-0 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
AXICOM
Signal Relays
n
Multi purpose relay
n
Highly reliable
n
Great variety of contact arrangements and materials to meet
specific applications
n
Contacts for signal loads and currents up to 5 A
n
DC coil, operating voltage 1.5VDC to 125VDC; AC, latching and non-
latching coils on request
n
Sockets for easy and quick mounting of relays
Typical applications
Measurement and control equipment, control equipment in nuclear
powerplant, press controls with high safety requirements (force-guided
springs), telecommunications
Max. DC breaking capacity, contact sets B1xx, C1xx
Max. DC breaking capacity, contact sets F1xx
Cradle N Relay V23154/V23162
Contact Data
Product code block 3
B104/B110/B112
B604/B610/B612
C104/C110/C112
C404/C410
F104 to F107
Contact arrangement
max. 4 form C (4 CO)contacts, 2 form B (2 NC) contacts or 6 form A (6 NO) contacts (see product code table)
Max. switching voltage
150VDC
36VDC
150VDC
36VDC
150VDC
125VAC
30VAC
125VAC
30VAC
125VAC
Rated current
2A
0.2A
2A
0.2A
5A
Limiting continuous current
at max. ambient temperature
2A
2A
2A
2A
5A
Breaking capacity max.
35 to 70W
5W, 5VA
35 to 70W
5W, 5VA
50 to 140W
see DC load breaking capacity curve below 50VA
-
50VA
-
500VA
Contact material
silver, gold-flashed
gold F
silver, gold-flashed
gold F
silver, gold-flashed
Contact style
single contact
single contact
bifurcated contacts
bifurcated contacts
single contact
Frequency of operation, without load, max. 50 ops./s
50 ops./s
50 ops./s
50 ops./s
10 ops./s
Operate / release time typ.
7.5/3ms
7.5/3ms
7.5/3ms
7.5/3ms
7.5/3ms
Mechanical endurance
app. 107 ops.
app. 107 ops.
app. 107 ops.
app. 107 ops.
app. 107 ops.
70 W
40 W
150
120
100
80
60
50
40
30
V_
U
0,3
0,4
0,5
0,6
0,8
1
1,5
2A
I
DC current [A]
safe breaking, no stationary arc
contact material Ag, gold flashed
250
200
150
100
80
60
50
40
30
20
V_
100 W
140 W
50 W
0,2
0,3
0,4
0,5 0,6
0,8
1
1,5
2
3
4
5A
I
U
DC current [A]
safe breaking, no stationary arc
contact material Ag, gold flashed


同様の部品番号 - 3-1393818-0

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
3-1393818-0 TEC-3-1393818-0 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
More results

同様の説明 - 3-1393818-0

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
V23154 TEC-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
P-V23003 TEC-P-V23003 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
ADJ15005 PANASONIC-ADJ15005 Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays Variety of contact arrangements
logo
PHOENIX CONTACT
2230008 PHOENIX-2230008 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
2230004 PHOENIX-2230004 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com