データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4-1393819-3 データシート(PDF) 2 Page - TE Connectivity Ltd

部品番号 4-1393819-3
部品情報  Great variety of contact arrangements and materials to meet specific applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1393819-3 データシート(HTML) 2 Page - TE Connectivity Ltd

  4-1393819-3 Datasheet HTML 1Page - TE Connectivity Ltd 4-1393819-3 Datasheet HTML 2Page - TE Connectivity Ltd 4-1393819-3 Datasheet HTML 3Page - TE Connectivity Ltd 4-1393819-3 Datasheet HTML 4Page - TE Connectivity Ltd 4-1393819-3 Datasheet HTML 5Page - TE Connectivity Ltd 4-1393819-3 Datasheet HTML 6Page - TE Connectivity Ltd 4-1393819-3 Datasheet HTML 7Page - TE Connectivity Ltd 4-1393819-3 Datasheet HTML 8Page - TE Connectivity Ltd 4-1393819-3 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
Signal Relays
Cradle N Relay V23154/V23162 (Continued)
Coil Data
Magnetic system
neutral
Coil voltage range
1.1 to 125 VDC,
typ. 800mW power consumption
Max. coil temperature
100 °C
Thermal resistance
< 50K/W
Coil versions, DC coil, monostable
Coil
Rated
Operate/Limiting
Coil
Rated coil
code
voltage
voltage1)
resistance
power
VDC
VDC
Ω±15%
mW
702
1.1
-
2
807
711
5
-
28
893
712
7
-
58
845
715
9
-
110
736
716
10
-
150
667
717
12
-
220
655
719
15
-
325
692
720
20
-
550
727
721
24
-
890
647
722
32
-
1700
602
726
48
-
3200
720
734
60
-
4700
766
704
72
-
7600
682
735
110
-
15000
807
703
125
-
20900
748
1) refer to ‘Part code table’.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coil versions, DC coil, monostable
Coil
Rated
Operate/Limiting
Coil
Rated coil
code
voltage
voltage1)
resistance
power
VDC
VDC
Ω±15%
mW
430
10
-
140
714
418
12
-
230
626
471
12
-
220
655
479
16
-
390
656
421
24
-
700
823
472
24
-
890
647
496
25
-
730
856
473
60
-
4700
766
404
72
-
5800
894
1) refer to ‘Part code table’.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coil data (continued)
Insulation Data
Product code, block 3
B1xx, B6xx,
F1xx
C1xx, C4xx
Initial dielectric strength
between coil / frame
500Vrms
500Vrms
between contact / contact
500Vrms
1000Vrms
between contact / frame
500Vrms
1000Vrms
between contact / coil
1000Vrms
1500Vrms
Initial insulation resistance, at 500VDC
> 106Ω
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +70°C
Category of environmental protection
IEC 61810
RT - I dust protected,
RT V - hermetically sealed
Degree of protection, IEC 60529
dust-protected IP 30,
hermetically sealed IP 67
Terminal type
PCB, plug-in, solder terminals
Weight
V23154-C0/-MO Size I
approx. 20g
V23154-D0/-NO Size II
approx. 25g
V23162-A0xxx Size I
approx. 30g
V23162-B0xxx Size II
approx. 35g
Washing
not recommended
Ultrasonic cleaning
not recommended
Packaging unit
5 pcs.
Accessories
For details see datasheet Cradle Relay, Accessories and Mounting
Terminals:
coil with 1 winding: start 4, end 1
coil with 2 windings (upon request):
start 3, end 2 for winding I, start 4, end 1 for winding II
The minimum voltage UI depends on the contact set and the ambient
temperature, the maximum voltage UII only depends on the ambient
temperature.
Between minimum voltage UI tamb and operating voltage U a safety margin
of approx. 20% is recommended.
UI tamb (1.2) < UI ≤ UII tamb
UI tamb
UI · U20 °C · kI tamb
UII tamb
UIl 20 °C · kII tamb
tamb
Ambient temperature
U
Operating voltage
UI tamb
Minimum voltage at ambient temperature, tamb
UII tamb
Maximum voltage at ambient temperature, tamb
kI and kII
Factors


同様の部品番号 - 4-1393819-3

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
4-1393819-3 TEC-4-1393819-3 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
More results

同様の説明 - 4-1393819-3

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
V23154 TEC-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
P-V23003 TEC-P-V23003 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
ADJ15005 PANASONIC-ADJ15005 Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays Variety of contact arrangements
logo
PHOENIX CONTACT
2230008 PHOENIX-2230008 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
2230004 PHOENIX-2230004 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com