データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S-1004CA10I-I6T1U データシート(PDF) 3 Page - Seiko Instruments Inc

部品番号 S-1004CA10I-I6T1U
部品情報  Release delay time accuracy
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SII [Seiko Instruments Inc]
ホームページ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1004CA10I-I6T1U データシート(HTML) 3 Page - Seiko Instruments Inc

  S-1004CA10I-I6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-1004CA10I-I6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-1004CA10I-I6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-1004CA10I-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1004CA10I-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1004CA10I-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1004CA10I-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1004CA10I-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1004CA10I-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_01
S-1004 Series
3
Product Name Structure
Users can select the output form and detection voltage value for the S-1004 Series.
Refer to "1. Product name" regarding the contents of product name, "2. Function list of product types" regarding
the product types, "3. Packages" regarding the package drawings and "4. Product name list" regarding details of
product name.
1. Product name
S-1004 x x xx I - xxxx U
Package abbreviation and IC packing specifications
*1
M5T1: SOT-23-5, Tape
I6T1:
SNT-6A, Tape
Detection voltage value
10 to 50
(e.g., when the detection voltage is 1.0 V, it is expressed as 10.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Operation temperature
I:
Ta =
−40°C to +85°C
Output form
*3
N:
Nch open-drain output (Active "L")
*4
C:
CMOS output (Active "L")
*4
Pin configuration
*2
A, B
*1. Refer to the tape drawing.
*2. Refer to " Pin Configurations".
*3. Refer to "2. Function list of product types".
*4. If you request the product with output logic active "H", contact our sales office.
2. Function list of product types
Table 1
Product Type
Output Form
Output Logic
Pin Configuration
Package
NA
Nch open-drain output
Active "L"
A
SOT-23-5, SNT-6A
NB
Active "L"
B
SOT-23-5
CA
CMOS output
Active "L"
A
SOT-23-5, SNT-6A
CB
Active "L"
B
SOT-23-5
3. Packages
Table 2 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
SNT-6A
PG006-A-P-SD
PG006-A-C-SD
PG006-A-R-SD
PG006-A-L-SD


同様の部品番号 - S-1004CA10I-I6T1U

メーカー部品番号データシート部品情報
logo
ABLIC Inc.
S-1004CA10I-I6T1U ABLIC-S-1004CA10I-I6T1U Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
More results

同様の説明 - S-1004CA10I-I6T1U

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DBA02CM24 ETC2-DBA02CM24 Datasheet
89Kb / 3P
   Timers Delay on Release
logo
Carlo Gavazzi Holding A...
DBA52 CARLOGAVAZZI-DBA52 Datasheet
68Kb / 2P
   Timers Delay on Release
logo
List of Unclassifed Man...
B128220006 ETC2-B128220006 Datasheet
64Kb / 2P
   Timers Delay on Release
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
logo
Carlo Gavazzi Holding A...
DBA02 CARLOGAVAZZI-DBA02 Datasheet
91Kb / 3P
   Timers Delay on Release
logo
Rohm
BD5225G-TR ROHM-BD5225G-TR Datasheet
474Kb / 16P
   Free Delay Time Setting Free Delay Time Setting
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
   time-delay fuses
logo
Cooper Bussmann, Inc.
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
   Time-Delay Fuses
logo
Schneider Electric
821TD10H-UNI SCHNEIDER-821TD10H-UNI Datasheet
482Kb / 6P
   Time Delay Relays
logo
Littelfuse
TA12D1 LITTELFUSE-TA12D1 Datasheet
414Kb / 2P
   Time Delay Relays
Rev: 1-A-062316
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com