データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7-1440006-2 データシート(PDF) 1 Page - TE Connectivity Ltd

部品番号 7-1440006-2
部品情報  Version T7N-WG with tracking resistance CTI 325
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1440006-2 データシート(HTML) 1 Page - TE Connectivity Ltd

  7-1440006-2 Datasheet HTML 1Page - TE Connectivity Ltd 7-1440006-2 Datasheet HTML 2Page - TE Connectivity Ltd 7-1440006-2 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
General Purpose Relays
PCB Relays
n
1 pole 10A, 1 form C (1CO) or 1 form A (1NO) contact
n
Version T7N-WG with tracking resistance CTI 325
n
WG version: Product in accordance to IEC60335-1
Typical applications
Domestic appliances, heating control, building control,
measurement&control
Approvals
T7N: VDE REG.-Nr. 6175, UL E214025
T7N-WG: VDE REG.-Nr. 119012, UL E214025
Technical data of approved types on request
Contact Data
Contact arrangement
1 form C (1CO) or 1 form A (1NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
10A
Limiting making current, max 4 s, duty factor 10% 35A
Breaking capacity max.
2500VA
Contact material
AgSnO2, AgCdO
Frequency of operation, with/without load
1800/18000h-1
Operate/release time max.
9/5ms
Bounce time max., form A
3ms
Contact ratings
Type
Contact Load
Cycles
IEC 61810
T7NV1D4-…-WG(-A)
A (NO)
10A, 250VAC, cos
φ=1, 85°C
100x103
T7NS1D4-…-WG(-A) A (NO)
10A, 250VAC, cos
φ=1, 85°C
6x103
T7NV5D4-…-WG(-A)
A of C
10A, 250VAC, cos
φ=1, 85°C
100x103
T7NS5D4-…-WG(-A) A of C
10A, 250VAC, cos
φ=1, 85°C
6x103
T7NV5D4-…-WG(-A)
B of C
6A, 250VAC, cos
φ=1, 85°C
50x103
T7NS5D4-…
C (CO)
10A/5A, 250VAC, cos
φ=1, 85°C
6x103
T7NS1D4-…-WG(-A) A (NO)
10A, 250VAC, cos
φ=1, 85°C
6x103
UL 508
T7N...D4-…-WG(-A)
A (NO)
10A, 250VAC, resistive, 85°C
100x103
T7N...D4-…-WG(-A)
A (NO)
1/4hp, 120VAC, motor, 40°C
100x103
T7N...D4-…
A (NO)
10A, 250VAC, resistive, 85°C
30x103
Mechanical endurance,
>10x106 operations
Coil Data
Coil voltage range
5 to 48 VDC
Operative range, IEC 61810
2
Non-release voltage, % of rated coil voltage
50%
Coil insulation system according UL1446
class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
05
5
3.5
0.5
70
357
06
6
4.2
0.6
100
360
09
9
6.3
0.9
225
360
12
12
8.4
1.2
400
360
181)
18
13.5
1.8
900
360
24
24
16.8
2.4
1600
360
36
36
25.2
3.6
3600
360
48
48
33.6
4.8
6400
360
1) 18VDC coil: UL approval only, not registered with VDE.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
T7N
T7N-WG
Initial dielectric strength
between open contacts
1000 Vrms
1000 Vrms
between contact and coil
2500 Vrms
2500 Vrms
Clearance/creepage
between contact and coil
≥2/3mm
≥2.5/3.5mm
Material group of insulation parts
IIIa
IIIa
Tracking index of relay base
PTI175
PTI325
Miniature Power PCB Relay T7N/T7N-WG
F0189-D
Z
V


同様の部品番号 - 7-1440006-2

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
7-1440006-2 TEC-7-1440006-2 Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
More results

同様の説明 - 7-1440006-2

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
T7N TEC-T7N Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
logo
Tyco Electronics
T7N MACOM-T7N_09 Datasheet
214Kb / 3P
   Miniature Power PCB Relay T7N / T7N-WG
logo
Asahi Kasei Microsystem...
AK2358F AKM-AK2358F Datasheet
652Kb / 26P
   Base-band LSI for Europian Cordless Telephones(CTI, CTI)
logo
National Semiconductor ...
DP8392C NSC-DP8392C Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
logo
Advanced Technical Mate...
180-25K-XX ATM-180-25K-XX Datasheet
77Kb / 1P
   OUTLINE, WRD180 WG-COAX ADAPTER
logo
Texas Instruments
TPS7B4253-Q1 TI1-TPS7B4253-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
logo
PHOENIX CONTACT
3241113 PHOENIX-3241113 Datasheet
53Kb / 3P
   Spiral tube - WG-S HF 40
09/12/2020
logo
Mitsubishi Electric Sem...
M5290P MITSUBISHI-M5290P Datasheet
147Kb / 5P
   -5V TRACKING REGULATOR WITH RESET CIRCUIT
logo
Renesas Technology Corp
M5290P RENESAS-M5290P Datasheet
1Mb / 6P
   5V TRACKING REGULATOR WITH RESET CIRCUIT
M5292P RENESAS-M5292P Datasheet
1Mb / 6P
   12V TRACKING REGULATOR WITH RESET CIRCUIT
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com