データシートサーチシステム |
|
8-21000-8 データシート(PDF) 3 Page - TE Connectivity Ltd |
|
8-21000-8 データシート(HTML) 3 Page - TE Connectivity Ltd |
3 / 10 page 408-8704 Rev B 3 of 10 4. CRIMPING PROCEDURE 4.1. Crimping Terminals DANGER Avoid personal injury. When operating tool or power unit, exercise caution while holding terminals or wire near the crimping area. 1. Strip wire to the dimensions listed in Figure 3. DO NOT nick or cut the wire strands. Wire Size (AWG) Wire Strip Length TERMINYL Terminal and Splice Terminal Splice 8 7.96-9.53 [.313-.375] 15.48-17.07 [.609-.672] 6 11.18-12.70 [.440-.500] 19.45-20.24 [.766-.797] 4 11.18-12.70 [.440-.500] 19.45-21.03 [.766-.828] 2 11.43-13.08 [.450-.515] 21.83-30.18 [.859-1.188] 1/0 18.54-20.24 [.730-.797] 28.58-30.18 [1.125-1.188] 2/0 18.54-20.24 [.730-.797] 28.58-30.18 [1.125-1.188] 3/0 19.05-20.64 [.750-.813] 28.58-30.18 [1.125-1.188] 4/0 19.45-21.03 [.766-.828] 28.58-30.18 [1.125-1.188] Figure 3 2. Select the proper color-coded terminal for the wire size (the wire size stamped on the terminal tongue and on the crimping die must match the wire size selected). 3. Insert stripped wire fully into terminal wire barrel. The end of the conductor must not protrude more than 1.60 mm [.063 in.] beyond the edge of the wire barrel. CAUTION DO NOT turn or twist the wire or terminal during insertion. 4. Place the terminal in the stationary die with the edge of the wire barrel resting against the locator and the bottom of the terminal tongue facing the stationary die (see Figure 4). 5. Holding the wire in place, activate tool or power unit to complete crimp. NOTE If terminal sticks in the die after crimping, apply a rocking action to the terminal to loosen it from the die. Wipe light oil on the dies to prevent sticking, or spray dry lubricant. 6. Inspect the crimp according to Section 5. |
同様の部品番号 - 8-21000-8 |
|
同様の説明 - 8-21000-8 |