データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1--21002--7 データシート(PDF) 3 Page - TE Connectivity Ltd

部品番号 1--21002--7
部品情報  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1--21002--7 データシート(HTML) 3 Page - TE Connectivity Ltd

  1--21002--7 Datasheet HTML 1Page - TE Connectivity Ltd 1--21002--7 Datasheet HTML 2Page - TE Connectivity Ltd 1--21002--7 Datasheet HTML 3Page - TE Connectivity Ltd 1--21002--7 Datasheet HTML 4Page - TE Connectivity Ltd 1--21002--7 Datasheet HTML 5Page - TE Connectivity Ltd 1--21002--7 Datasheet HTML 6Page - TE Connectivity Ltd 1--21002--7 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
408- 9359
3
of 7
Rev C
3.2. Wire Insertion Depth
A. Wire Too Deep in Contact Slot
1. Remove the head and turn the adjuster 1/6--turn
CLOCKWISE (See Figure 3). This will reduce the
wire insertion depth by approximately 0.20 mm
[.008 in.].
2. Make a test termination according to the
procedure given in Section 4, TERMINATION
PROCEDURE, and inspect the termination in
accordance with Section 5, INSPECTION.
Readjust if required.
Figure 3
Turn CLOCKWISE
to Reduce Wire
Insertion Depth
Adjuster
Turn
COUNTERCLOCKWISE for
Deeper Wire Insertion
NOTE:
1/6 Turn
Equals 0.20 mm
[.008 in.] Adjustment
B. Wire Not Deep Enough in Contact Slot
Manual Handle Assembly
1. Remove the head and turn the adjuster 1/6--turn
COUNTERCLOCKWISE (See Figure 3). This will
increase wire insertion depth by approximately
0.20 mm [.008 in.].
2. Make a test termination according to the
procedure given in Section 4, TERMINATION
PROCEDURE, and inspect the termination in
accordance with Section 5, INSPECTION.
Readjust if required.
Pneumatic Handle Assembly
1. Increase the air pressure by 69 kPa [10 psi],
and make a test termination according to the
procedure given in Section 4, TERMINATION
PROCEDURE.
2. Check the termination in accordance with
Section 5, INSPECTION.
3. If the wire is still not inserted deeply enough,
repeat Steps 1 and 2, until proper insertion depth is
obtained or the air pressure is set to 483 kPa
[70 psi]. If proper insertion depth is not obtained at
483 kPa [70 psi], reduce the air pressure to
276 kPa [40 psi] and follow the preceding
procedure for the manual handle assembly.
4. TERMINATION PROCEDURE
Discrete wire, jacketed cable with individual insulated
conductors, and ribbon cable can be terminated in the
head. See Figure 5 for required preparation for the
various types.
Keep these things in mind when terminating wire in
contact housing assemblies;
A. Individual housing assemblies of less than six
positions cannot be terminated in the head. If you
need to terminate one housing assembly which has
less than six positions, (e.g., when making repairs),
you can use a strip--form housing assembly,
terminate the first housing assembly on the strip,
push the carrier strip through the head, and break
the housing assembly off the carrier strip. The
remaining housing assemblies on the strip can be
terminated in the same way as needed.
B. When terminating 6-- through 9--position
individual housing assemblies, you must use
another housing assembly to push the housing
assembly against the wire inserter. Remove the
“pusher” housing assembly before terminating any
wires.
C. The following insulation diameters must be
observed:
Manual Handle Assembly 58074--1
0.76--1.37 mm [.030--.054 in.]
Pneumatic Handle Assembly 58075--1
0.76--1.14 mm [.030--.045 in.]
Pneumatic Power Bench Assembly 58338--1
0.76--1.37 mm [.030--.054 in.]
Electric Bench Machine 931800--1
0.76--1.37 mm [.030--.054 in.]
D. When terminating wire with an insulation
diameter of less than 1.02 mm [.040 in.], make
sure that the wire is straight and that it is aligned
with the wire slot.
E. When terminating wire with an insulation
diameter of less than 1.02 mm [.040 in.], lower
yields will be experienced.
The termination procedure follows, (see Figure 4):
1. Refer to the table in Figure 1 and select a
housing assembly for the wire size to be
terminated. Make sure the contacts are properly
seated in the housing assembly with each contact
locking lance in a preload window, each preload
forward stop at the back of the housing assembly,
and the carrier strip properly interlocked.


同様の部品番号 - 1--21002--7

メーカー部品番号データシート部品情報
logo
Tyco Electronics
1--21002--6 MACOM-1--21002--6 Datasheet
112Kb / 5P
   Double Action Hand Tool
More results

同様の説明 - 1--21002--7

メーカー部品番号データシート部品情報
logo
Tyco Electronics
408-10324 MACOM-408-10324 Datasheet
239Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-9935 MACOM-408-9935 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9039 MACOM-408-9039 Datasheet
103Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
411-3236 MACOM-411-3236 Datasheet
216Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-6561 TEC-408-6561 Datasheet
110Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-1216 TEC-408-1216 Datasheet
91Kb / 2P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-10110 TEC-408-10110 Datasheet
191Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-8377 MACOM-408-8377 Datasheet
249Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-8607 MACOM-408-8607 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9240 MACOM-408-9240 Datasheet
85Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com