データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3-1393197-4 データシート(PDF) 2 Page - TE Connectivity Ltd

部品番号 3-1393197-4
部品情報  General Purpose Relays PCB Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393197-4 データシート(HTML) 2 Page - TE Connectivity Ltd

  3-1393197-4 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393197-4 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
General Purpose Relays
PCB Relays
Miniature PCB Relay T73 (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-30°C to +80°C
Category of environmental protection
IEC 61810
RTII - flux proof
RTIII - wash tight
Shock resistance (functional)
10g
Shock resistance (destructive)
100g
Weight
12g
Resistance to soldering heat THT
IEC 60068-2-20
RTII: 270°C/10s
RTIII: 260°C/5s
Packaging unit
tube/20 pcs., carton box/1000 pcs.
431
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03
Ordering Information
Typical Part Number
B T73
S
5
D
1
5
-24
1. Basic Series:
T73 = Miniature, printed circuit board relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable, plastic sealed case.
3. Contact Arrangement:
1 = 1 Form A (SPST-NO).
5 = 1 Form C (SPDT)
4. Coil Input:
D = DC voltage.
5. Relay Type:
1 = Standard coil.
6. Contact Material:
5 = Silver-Cadmium Oxide
7. Coil Voltage:
03 = 3VDC 06 = 6VDC
12 = 12VDC 24 = 24VDC
05 = 5VDC 09 = 9VDC
18 = 18VDC 48 = 48VDC
* Not suitable for immersion cleaning process.
T73S5D15-05
T73S5D15-12
T73S5D15-24
Outline Dimensions
.610
(15.5)
.877
(22.3)
.693
(17.6)
.122
(3.1)
.067
(1.7)
0.30
(7.62
1 Form A
Wiring Diagrams (Bottom Views)
Suggested PC Board Layouts (Bottom Views)
1 Form A
.300
(7.62)
.200
(5.08)
.700
(17.8)
2 x .051 DIA.
(1.3)
2 x .039 DIA.
(1.0)
2
3
4
5
1 Form C
1 Form C
.300
(7.62)
.200
(5.08)
.700
(17.8)
3 x .051 DIA.
(1.3)
.500
(12.7)
2 x .039 DIA.
(1.0)
2
3
4
5
1
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Terminal assignment
Bottom view on solder pins
431
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03
Ordering Information
Typical Part Number
B T73
S
5
D
1
5
-24
1. Basic Series:
T73 = Miniature, printed circuit board relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable, plastic sealed case.
3. Contact Arrangement:
1 = 1 Form A (SPST-NO).
5 = 1 Form C (SPDT)
4. Coil Input:
D = DC voltage.
5. Relay Type:
1 = Standard coil.
6. Contact Material:
5 = Silver-Cadmium Oxide
7. Coil Voltage:
03 = 3VDC 06 = 6VDC
12 = 12VDC 24 = 24VDC
05 = 5VDC 09 = 9VDC
18 = 18VDC 48 = 48VDC
* Not suitable for immersion cleaning process.
T73S5D15-05
T73S5D15-12
T73S5D15-24
Outline Dimensions
.610
(15.5)
.877
(22.3)
.693
(17.6)
.122
(3.1)
.067
(1.7)
0.30
(7.62
1 Form A
Wiring Diagrams (Bottom Views)
Suggested PC Board Layouts (Bottom Views)
1 Form A
.300
(7.62)
.200
(5.08)
.700
(17.8)
2 x .051 DIA.
(1.3)
2 x .039 DIA.
(1.0)
2
3
4
5
1 Form C
1 Form C
.300
(7.62)
.200
(5.08)
.700
(17.8)
3 x .051 DIA.
(1.3)
.500
(12.7)
2 x .039 DIA.
(1.0)
2
3
4
5
1
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Dimensions
PCB layout
Bottom view on solder pins
431
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03
Ordering Information
Typical Part Number
B T73
S
5
D
1
5
-24
1. Basic Series:
T73 = Miniature, printed circuit board relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable, plastic sealed case.
3. Contact Arrangement:
1 = 1 Form A (SPST-NO).
5 = 1 Form C (SPDT)
4. Coil Input:
D = DC voltage.
5. Relay Type:
1 = Standard coil.
6. Contact Material:
5 = Silver-Cadmium Oxide
7. Coil Voltage:
03 = 3VDC 06 = 6VDC
12 = 12VDC 24 = 24VDC
05 = 5VDC 09 = 9VDC
18 = 18VDC 48 = 48VDC
* Not suitable for immersion cleaning process.
T73S5D15-05
T73S5D15-12
T73S5D15-24
Outline Dimensions
.610
(15.5)
.877
(22.3)
.693
(17.6)
.122
(3.1)
.067
(1.7)
0.30
(7.62
1 Form A
Wiring Diagrams (Bottom Views)
Suggested PC Board Layouts (Bottom Views)
1 Form A
.300
(7.62)
.200
(5.08)
.700
(17.8)
2 x .051 DIA.
(1.3)
2 x .039 DIA.
(1.0)
2
3
4
5
1 Form C
1 Form C
.300
(7.62)
.200
(5.08)
.700
(17.8)
3 x .051 DIA.
(1.3)
.500
(12.7)
2 x .039 DIA.
(1.0)
2
3
4
5
1
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
1 form A (NO)
1 form C (CO)
1 form A (NO)
431
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03
Ordering Information
Typical Part Number
B T73
S
5
D
1
5
-24
1. Basic Series:
T73 = Miniature, printed circuit board relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable, plastic sealed case.
3. Contact Arrangement:
1 = 1 Form A (SPST-NO).
5 = 1 Form C (SPDT)
4. Coil Input:
D = DC voltage.
5. Relay Type:
1 = Standard coil.
6. Contact Material:
5 = Silver-Cadmium Oxide
7. Coil Voltage:
03 = 3VDC 06 = 6VDC
12 = 12VDC 24 = 24VDC
05 = 5VDC 09 = 9VDC
18 = 18VDC 48 = 48VDC
* Not suitable for immersion cleaning process.
T73S5D15-05
T73S5D15-12
T73S5D15-24
Outline Dimensions
.610
(15.5)
.877
(22.3)
.693
(17.6)
.122
(3.1)
.067
(1.7)
0.30
(7.62
1 Form A
Wiring Diagrams (Bottom Views)
Suggested PC Board Layouts (Bottom Views)
1 Form A
.300
(7.62)
.200
(5.08)
.700
(17.8)
2 x .051 DIA.
(1.3)
2 x .039 DIA.
(1.0)
2
3
4
5
1 Form C
1 Form C
.300
(7.62)
.200
(5.08)
.700
(17.8)
3 x .051 DIA.
(1.3)
.500
(12.7)
2 x .039 DIA.
(1.0)
2
3
4
5
1
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
431
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03
Ordering Information
Typical Part Number
B T73
S
5
D
1
5
-24
1. Basic Series:
T73 = Miniature, printed circuit board relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable, plastic sealed case.
3. Contact Arrangement:
1 = 1 Form A (SPST-NO).
5 = 1 Form C (SPDT)
4. Coil Input:
D = DC voltage.
5. Relay Type:
1 = Standard coil.
6. Contact Material:
5 = Silver-Cadmium Oxide
7. Coil Voltage:
03 = 3VDC 06 = 6VDC
12 = 12VDC 24 = 24VDC
05 = 5VDC 09 = 9VDC
18 = 18VDC 48 = 48VDC
* Not suitable for immersion cleaning process.
T73S5D15-05
T73S5D15-12
T73S5D15-24
Outline Dimensions
.610
(15.5)
.877
(22.3)
.693
(17.6)
.122
(3.1)
.067
(1.7)
0.30
(7.62
1 Form A
Wiring Diagrams (Bottom Views)
Suggested PC Board Layouts (Bottom Views)
1 Form A
.300
(7.62)
.200
(5.08)
.700
(17.8)
2 x .051 DIA.
(1.3)
2 x .039 DIA.
(1.0)
2
3
4
5
1 Form C
1 Form C
.300
(7.62)
.200
(5.08)
.700
(17.8)
3 x .051 DIA.
(1.3)
.500
(12.7)
2 x .039 DIA.
(1.0)
2
3
4
5
1
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Product code structure
Typical product code
T73
S
5
D
1
5
-24
Basic type
T73
Miniature PCB Relay T73
Category of protection
V
Flux proof
S Wash tight, immersion cleanable, plastic sealed case
Contact arrangement
1
1 form A (NO) contact
5
1 form C (CO) contact
Coil input
D DC coil
Relay type
1
Standard coil
Contact material
5
AgCdO
Coil voltage
Coil code: please refer to coil versions table (e.g. 05=5VDC)
Other types on request
Product code
Enclosure
Arrangement
Coil
Cont.material
Coil voltage
Part number
T73S1D15-12
Wash tight
1 form A (NO)
DC coil
AgCdO
12VDC
1-1393197-1
T73S5D15-05
1 form C (CO)
5VDC
2-1393197-9
T73S5D15-12
12VDC
3-1393197-2
T73S5D15-24
24VDC
3-1393197-4
1 form C (CO)


同様の部品番号 - 3-1393197-4

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
3-1393197-4 TEC-3-1393197-4 Datasheet
137Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

同様の説明 - 3-1393197-4

メーカー部品番号データシート部品情報
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
6-1415029-1 MACOM-6-1415029-1 Datasheet
419Kb / 2P
   General Purpose Relays PCB Relays
04-2011, Rev. 0411
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
PCB-PE TEC-PCB-PE Datasheet
253Kb / 2P
   General Purpose Relays PCB Relays
logo
Tyco Electronics
5-1415520-1 MACOM-5-1415520-1 Datasheet
480Kb / 3P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
RPII-1 TEC-RPII-1 Datasheet
274Kb / 3P
   General Purpose Relays PCB Relays
logo
Tyco Electronics
V23061B1002A401 MACOM-V23061B1002A401 Datasheet
407Kb / 3P
   General Purpose Relays PCB Relays
RTD14012AP MACOM-RTD14012AP Datasheet
566Kb / 3P
   General Purpose Relays PCB Relays
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com