データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3-1393789-8 データシート(PDF) 1 Page - TE Connectivity Ltd

部品番号 3-1393789-8
部品情報  Standard telecom relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393789-8 データシート(HTML) 1 Page - TE Connectivity Ltd

  3-1393789-8 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393789-8 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393789-8 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393789-8 Datasheet HTML 4Page - TE Connectivity Ltd 3-1393789-8 Datasheet HTML 5Page - TE Connectivity Ltd 3-1393789-8 Datasheet HTML 6Page - TE Connectivity Ltd 3-1393789-8 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
07-2015, Rev.0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
AXICOM
Signal Relays
n
Standard telecom relay (ringing and test access)
n
Slim line 15x7.5mm (.590x.295”)
n
Max. switching current 5A
n
2 form C bifurcated contacts (2 changeover contacts, 2 CO)
n
Immersion cleanable
n
High sensitivity for low power consumption 140mW/ 70mW
n
Single coil version with surge voltage resistance between contact
and coil: 2.5kV (2/10μs) meets the Telcordia Requirement GR-1089,
1.5kV (10/160μs) meets FCC Part 68
Typical applications
Communications equipment linecard application (ringing and test access),
PABX, voice over IP, office equipment, measurement and control equipment,
automotive equipment as CAN bus, keyless entry, speaker switch, medical
equipment, consumer electronics, set top boxes, HiFi
Approvals
UL 508 File No. E 111441, UL 60950,
IEC/EN60950 IEC Ref. Cert. No. 327
Technical data of approved types on request
Contact Data
Contact arrangement
2 form C (CO)
Max. switching voltage
220VDC, 250VAC
Rated current
2A
Limiting continuous current, 85°C
2A
Switching Power
60W, 62.5VA
Contact material
AgNi, gold-covered
Contact style
bifurcated contact
Minimum switching voltage
100μV
Thermoelectrical potential
<10µV
Initial contact resistance
<50mΩ at 10mA, 20mV
Frequency of operation, without load
50 operations/s
Operate time
typ. 2ms, max. 4ms
Set/reset time
typ. 2ms, max. 4ms
Release time
without diode in parallel
typ. 2ms, max. 4ms
with diode in parallel
typ. 4ms, max. 6ms
Bounce time
typ. 1ms, max. 3ms
Electrical endurance
at 12V / 10mA
typ. 5x107 operations
at 6V / 100mA
typ. 1x107 operations
at 60V / 500mA
typ. 5x105 operations
at 30V / 1000mA
typ. 1x106 operations
at 30V / 2000mA
typ. 2x105 operations
Contact ratings, UL
110VDC / 0.3A - 33W
30VDC / 2.0A - 60W
120VAC / 0.5A - 60VA
240VAC / 0.25A -60VA
Mechanical endurance
typ. 100x106 operations
Coil Data
Magnetic system
polarized
Coil voltage range
2 to 24VDC
Max. coil temperature
125°C
Thermal resistance
< 125K/W
Coil versions, monostable
Coil
Rated
Operate
Limiting
Release
Coil
Rated coil
code
voltage
voltage
Voltage
voltage resistance
power
VDC
VDC
VDC
VDC
Ω±10%
mW
008
3.00
2.25
6.50
0.30
64
140
016
4.00
3.00
8.70
0.40
114
140
011
4.50
3.38
9.80
0.45
145
140
001
5.00
3.75
10.90
0.50
178
140
002
6.00
4.50
13.00
0.60
257
140
006
9.00
6.75
19.60
0.90
578
140
003
12.00
9.00
26.15
1.20
1029
140
005
24.00
18.00
52.30
2.40
4114
140
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
P2 Relay V23079
DC current [A]
Max. DC load breaking capacity
108-98002 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 15
Telecom-, Signal and RF Relays
P2 V23079 Relay
AXICOM
Coil Operating Range
Unom = Nominal coil voltage
Umax. = Upper limit of the operative range of
the coil voltage (limiting voltage) when coils are
continously energized
Uop. min. = Lower limit of the operative range of
the coil voltage (reliable operate voltage)
For latching relays Uset min. resp. Ureset min.
Urel. min. = Lower limit of the operative range of
the coil voltage (reliable release voltage)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-40-30 -20-10
0102030405060708090 100 110 120 130 140
Uop. min.
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
70 mW
Unom. nominal coil voltage
Ambient Temperature [°C]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-40-30 -20-10
0102030405060708090 100 110 120 130 140
Ambient Temperature [°C]
140 mW
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-40-30 -20-10
0102030405060708090 100 110 120 130 140
Ambient Temperature [°C]
200 mW
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Z


同様の部品番号 - 3-1393789-8

メーカー部品番号データシート部品情報
logo
Tyco Electronics
3-1393789-8 MACOM-3-1393789-8 Datasheet
2Mb / 7P
   P2 Relay V23079
logo
TE Connectivity Ltd
3-1393789-8 TEC-3-1393789-8 Datasheet
1Mb / 7P
   Standard telecom relay
More results

同様の説明 - 3-1393789-8

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
P2-V23079 TEC-P2-V23079 Datasheet
1Mb / 7P
   Standard telecom relay
logo
Picker Components
PC332 PICKER-PC332 Datasheet
147Kb / 2P
   Telecom Relay
logo
TE Connectivity Ltd
FT2 TEC-FT2 Datasheet
1Mb / 5P
   Telecom/signal relay
logo
Picker Components
PC312B PICKER-PC312B Datasheet
171Kb / 2P
   Subminiature PCB Telecom Relay
PC312B PICKER-PC312B_14 Datasheet
173Kb / 2P
   Subminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4516 DBLECTRO-HG4516 Datasheet
59Kb / 2P
   Subminiature PCB Telecom Relay
HG4507 DBLECTRO-HG4507 Datasheet
49Kb / 2P
   Ultraminiature PCB Telecom Relay
logo
Picker Components
PC307 PICKER-PC307_14 Datasheet
175Kb / 2P
   Ultraminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4100 DBLECTRO-HG4100 Datasheet
58Kb / 2P
   Subminiature PCB Telecom Relay
logo
Picker Components
PC322 PICKER-PC322 Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com