データシートサーチシステム |
|
3-1393816-6 データシート(PDF) 4 Page - TE Connectivity Ltd |
|
3-1393816-6 データシート(HTML) 4 Page - TE Connectivity Ltd |
4 / 4 page 04-2011, Rev. 0411 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 4 AXICOM Signal Relays Cradle W Relay V23005 (Continued) Product code Version Coil Arrangement Contacts Enclosure PartNumber V23005-AXXXX, standard, size I V23005-A0017-B104 Standard, size I 12VAC 2 form C (2 CO) Single Dust protected 1-1393816-8 V23005-A0021-C104 Standard, size I 18VAC 2 form C (2 CO) Bifurcated Dust protected 2-1393816-0 V23005-A0010-B104 Standard, size I 24VAC 2 form C (2 CO) Single Dust protected 1-1393816-7 V23005-A0009-B104 Standard, size I 42VAC 2 form C (2 CO) Single Dust protected 1-1393816-5 V23005-A0019-B104 Standard, size I 48VAC 2 form C (2 CO) Single Dust protected 1-1393816-9 V23005-A0008-B104 Standard, size I 60VAC 2 form C (2 CO) Single Dust protected 1-1393816-4 V23005-A0007-B104 Standard, size I 110VAC 2 form C (2 CO) Single Dust protected 1393816-8 V23005-A0007-B604 Standard, size I 110VAC 2 form C (2 CO) Single Dust protected 1-1393816-0 V23005-A0007-C104 Standard, size I 110VAC 2 form C (2 CO) Bifurcated Dust protected 1-1393816-1 V23005-A0004-B104 Standard, size I 220VAC 2 form C (2 CO) Single Dust protected 1393816-1 V23005-A0004-B604 Standard, size I 220VAC 2 form C (2 CO) Single Dust protected 1393816-3 V23005-A0004-C104 Standard, size I 220VAC 2 form C (2 CO) Bifurcated Dust protected 1393816-4 V23005-AXXXX, 5A, size I V23005-A0009-F106 5A, size I 42VAC 1 A + 1 B (1 NO+1 NC) Single Dust protected 1-1393816-6 V23005-A0007-F105 5A, size I 110VAC 2 form A (2 NO) Single Dust protected 1-1393816-2 V23005-A0007-F106 5A, size I 110VAC 1 A + 1 B (1 NO+1 NC) Single Dust protected 1-1393816-3 V23005-A0004-F105 5A, size I 220VAC 2 form A (2 NO) Single Dust protected 1393816-6 V23005-A0004-F106 5A, size I 220VAC 1 A + 1 B (1 NO+1 NC) Single Dust protected 1393816-7 V23005-BXXXX, standard, size II V23005-B0017-B110 Standard, size II 12VAC 4 form C (4 CO) Single Dust protected 4-1393816-5 V23005-B0010-B110 Standard, size II 24VAC 4 form C (4 CO) Single Dust protected 4-1393816-0 V23005-B0010-C110 Standard, size II 24VAC 4 form C (4 CO) Bifurcated Dust protected 4-1393816-1 V23005-B0010-C410 V23005-B0009-B110 Standard, size II 42VAC 4 form C (4 CO) Single Dust protected 3-1393816-7 V23005-B0009-C110 Standard, size II 42VAC 4 form C (4 CO) Bifurcated Dust protected 3-1393816-8 V23005-B0008-B110 Standard, size II 60VAC 4 form C (4 CO) Single Dust protected 3-1393816-5 V23005-B0007-B110 Standard, size II 110VAC 4 form C (4 CO) Single Dust protected 3-1393816-0 V23005-B0007-B610 Standard, size II 110VAC 4 form C (4 CO) Single Dust protected 3-1393816-1 V23005-B0007-C110 Standard, size II 110VAC 4 form C (4 CO) Bifurcated Dust protected 3-1393816-2 V23005-B0007-C410 Standard, size II 110VAC 4 form C (4 CO) Bifurcated Dust protected 3-1393816-3 V23005-B0004-B110 Standard, size II 220VAC 4 form C (4 CO) Single Dust protected 2-1393816-2 V23005-B0004-B610 Standard, size II 220VAC 4 form C (4 CO) Single Dust protected 2-1393816-4 V23005-B0004-C110 Standard, size II 220VAC 4 form C (4 CO) Bifurcated Dust protected 2-1393816-5 V23005-B0004-C410 Standard, size II 220VAC 4 form C (4 CO) Bifurcated Dust protected 2-1393816-6 V23005-BXXXX, 5A, size II V23005-B0015-F104 5A, size II 6VAC 2 form C (2 CO) Single Dust protected 4-1393816-4 V23005-B0017-F104 5A, size II 12VAC 2 form C (2 CO) Single Dust protected 4-1393816-6 V23005-B0010-F104 5A, size II 24VAC 2 form C (2 CO) Single Dust protected 4-1393816-3 V23005-B0009-F104 5A, size II 42VAC 2 form C (2 CO) Single Dust protected 3-1393816-9 V23005-B0008-F104 5A, size II 60VAC 2 form C (2 CO) Single Dust protected 3-1393816-6 V23005-B0007-F104 5A, size II 110VAC 2 form C (2 CO) Single Dust protected 3-1393816-4 V23005-B0004-F104 5A, size II 220VAC 2 form C (2 CO) Single Dust protected 2-1393816-8 |
同様の部品番号 - 3-1393816-6 |
|
同様の説明 - 3-1393816-6 |