データシートサーチシステム |
|
3-1393816-4 データシート(PDF) 3 Page - TE Connectivity Ltd |
|
3-1393816-4 データシート(HTML) 3 Page - TE Connectivity Ltd |
3 / 4 page 04-2011, Rev. 0411 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 3 AXICOM Signal Relays Cradle W Relay V23005 (Continued) Dimensions V23005-A0xx, size I type V23005-B0xx, size II type Product code structure Typical product code V23005 -B0 004 -F104 Type V23005 Cradle W Relay Size A0 Size I, dust protected B0 Size II, dust protected Coils Coil code: please refer to coil versions table Contact style B1 Single contacts B6 Single contacts F1 Single contacts C1 Bifurcated contacts C4 Bifurcated contacts Contact arrangement 04 2 form C, 2 CO 05 2 form A, 1 NO 06 1 form A+ 1 form B, 1 NO+ 1 NC 10 4 form C, 4 CO 12 6 form A, 6 NO Other types on request |
同様の部品番号 - 3-1393816-4 |
|
同様の説明 - 3-1393816-4 |