データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5964IHHK データシート(PDF) 10 Page - SyncMOS Technologies,Inc

部品番号 SM5964IHHK
部品情報  8 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5964IHHK データシート(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM5964IHHK Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 9Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 10Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 11Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 12Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 13Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
July 2002
Specifications subject to change without notice,contact your sales representatives for the most recent information.
10/28
PID 5964 07/02
SyncMOS Technologies Inc.
SM5964
Ver 1.0
Port4 (P4, $D8)
The bit 3, bit 2, bit 1, bit 0 output the setting to pin P4.3, P4.2, P4.1, P4.0 respectively.
3. In-System Programming (ISP) Function
The SM5964 can generate flash control signal by internal hardware circuit. User utilize flash control register, flash address
register and flash data register to perform the ISP function without removing the SM5964 from the system.
The SM5964 provides internal flash control signals which can do flash program/chip erase/page erase/protect functions.
User need to design and use any kind of interface which SM5964 can input data. User then utilize ISP service program to
perform the flash program/chip erase/page erase/protect functions.
3.1 ISP Service Program
The ISP service program is a user developed firmware program which resides in the ISP service program space. After
user developed the ISP service program, user then determine the size of the ISP service program. User need to program
the ISP service program in the SM5964 for the ISP purpose.
The ISP service program were developed by user so that it should includes any features which relates to the flash memory
programming function as well as communication protocol between SM5964 and host device which output data to the
SM5964. For example, if user utilize UART interface to receive/transmit data between SM5964 and host device, the ISP
service program should include baut rate, checksum or parity check or any error-checking mechanism to avoid data
transmission error.
The ISP service program can be initiated under SM5964 active or idle mode. It can not be initiated under power down
mode.
3.2. Lock Bit (N)
The Lock Bit N has two functions: one is for service program size configuration and the other is to lock the ISP service pro-
gram space from flash erase function.
The ISP service program space address range $F000 to $FFFF. It can be divided as blocks of N*512 byte. (N=0 to 8).
When N=0 means no ISP function, all of 64K byte flash memory can be used as program memory. When N=1 means ISP
service program occupies 512 byte while the rest of 63.5K byte flash memory can be used as program memory. The max-
imum ISP service program allowed is 4K byte when N=8. Under such configuration, the usable program memory space is
60K byte.
After N determined, SM5964 will reserve the ISP service program space downward from the top of the program address
$FFFF. The start address of the ISP service program located at $Fx00 while x is an even number, depending on the lock
bit N. Please see page 5 program memory diagram for this ISP service program space structure.
bit-7
bit-0
Read :
Unused
Unused
Unused
Unused
P4.3
P4.2
P4.1
P4.0
Write :
Reset value :
*
*
*
*
1111


同様の部品番号 - SM5964IHHK

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
logo
Stealth Microwave, Inc.
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
   5900-6400 MHz 20 Watt Power Amplifier
SM5964-45 STEALTH_MICROWAVE-SM5964-45 Datasheet
187Kb / 2P
   5.925-6.425 GHz X Watt Linear Power Amplifier
logo
SyncMOS Technologies,In...
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964AIHHKL SYNCMOS-SM5964AIHHKL Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results

同様の説明 - SM5964IHHK

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SM2965 ETC-SM2965 Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
logo
ATMEL Corporation
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051 ATMEL-AT89C1051 Datasheet
151Kb / 12P
   8-Bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11 Datasheet
1Mb / 91P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com