データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM59264IHHK データシート(PDF) 9 Page - SyncMOS Technologies,Inc

部品番号 SM59264IHHK
部品情報  8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59264IHHK データシート(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM59264IHHK Datasheet HTML 5Page - SyncMOS Technologies,Inc SM59264IHHK Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59264IHHK Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59264IHHK Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59264IHHK Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59264IHHK Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59264IHHK Datasheet HTML 11Page - SyncMOS Technologies,Inc SM59264IHHK Datasheet HTML 12Page - SyncMOS Technologies,Inc SM59264IHHK Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
May 2002
Specifications subject to change without notice,contact your sales representatives for the most recent information.
9/32
Ver 1.0 PID 59264 05/02
SyncMOS Technologies Inc.
SM59264
With this bank mapping scheme, user can access entire 1k byte on-chip RAM with direct addressing method. That
means using the window area ($040~$07F), user can access any bank (64 byte) data of 1k byte on-chip RAM space
which is selected by BS[3:0] of data bank control register (DBANK, $86).
For example, user write #30h to $101 address:
MOV DBANK, #88H
; set bank mapping $040~$07f to $0100~$013f
MOV A, #30H
; store #30H to A
MOV 41H, A
; write #30H to $0101 address
Data Bank Control Register (DBANK, $86)
Data bank select enable bit BSE = 1 enables the data bank select function
Data bank select enable bit BSE = 0 disables the data bank select function
BS[3:0] setting will map $040~$07F RAM space to entire 1k byte on-chip RAM space.
bit-7
bit-0
Read:
BSE
Unused
Unused
Unused
BS3
BS2
BS1
BS0
Write:
Reset value:
0
*
*
*
0
0
0
1
BS3
BS2
BS1
BS0
040h~07fh map-
ping address
Note
0
0
0
0
000h~03fh
lower 128 byte RAM
0
0
0
1
040h~07fh
lower 128 byte RAM
0
0
1
0
080h~0bfh
higher 128 byte RAM
0
0
1
1
0c0h~0ffh
higher 128 byte RAM
0
1
0
0
0000h~003fh
on-chip expanded 768 byte RAM
0
1
0
1
0040h~007fh
0
1
1
0
0080h~00bfh
0
1
1
1
00c0h~00ffh
1
0
0
0
0100h~013fh
1
0
0
1
0140h~017fh
1
0
1
0
0180h~01bfh
1
0
1
1
01c0h~01ffh
1
1
0
0
0200h~023fh
1
1
0
1
0240h~027fh
1
1
1
0
0280h~02bfh
1
1
1
1
02c0h~02ffh


同様の部品番号 - SM59264IHHK

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM59264 SYNCMOS-SM59264 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM59264C25 SYNCMOS-SM59264C25 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM59264C40 SYNCMOS-SM59264C40 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
More results

同様の説明 - SM59264IHHK

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com