データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC215-40 データシート(PDF) 1 Page - Texas Instruments

部品番号 TC215-40
部品情報  1024-1024-PIXEL CCD IMAGE SENSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TC215-40 データシート(HTML) 1 Page - Texas Instruments

  TC215-40 Datasheet HTML 1Page - Texas Instruments TC215-40 Datasheet HTML 2Page - Texas Instruments TC215-40 Datasheet HTML 3Page - Texas Instruments TC215-40 Datasheet HTML 4Page - Texas Instruments TC215-40 Datasheet HTML 5Page - Texas Instruments TC215-40 Datasheet HTML 6Page - Texas Instruments TC215-40 Datasheet HTML 7Page - Texas Instruments TC215-40 Datasheet HTML 8Page - Texas Instruments TC215-40 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TC215
1024-
× 1024-PIXEL CCD IMAGE SENSOR
SOCS014B – AUGUST 1989 – REVISED DECEMBER 1991
Copyright
© 1991, Texas Instruments Incorporated
2-1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
High-Resolution, Solid-State
Frame-Transfer Image Sensor
17.2-mm Image-Area Diagonal
1000 (H) x 1018 (V) Active Elements in
Image-Sensing Area
Square Pixels
Low Dark Current
Electron-Hole Recombination Antiblooming
Dynamic Range . . . More Than 60 dB
High Sensitivity
High Photoresponse Uniformity
High Blue Response
Single-Phase Clocking
Solid-State Reliability With No Image
Burn-in, Residual Imaging, Image
Distortion, Image Lag, or Microphonics
description
The TC215 is a full-frame charge-coupled-device (CCD) image sensor that provides very high-resolution image
acquisition for image-processing applications such as robotic vision, medical X-ray analysis, and metrology. The
image format measures 12 mm horizontally by 12.216 mm vertically; the image-area diagonal is 17.2 mm. The
image-area pixels are 12-
µm square. The image area contains 1018 active lines with 1000 active pixels per line.
Six additional dark reference lines give a total of 1024 lines in the image area, and 24 additional dark reference
pixels per line give a total of 1024 pixels per horizontal line.
The full-frame image sensor should be used with a shutter or with strobed illumination to prevent smearing of
the image during readout. To prepare the imaging area for image capture, the photoelectric charge that has
accumulated in the image pixels can be transferred into the clearing drain in one millisecond. After image
capture (integration time), the readout is accomplished by transferring the charge, one line at a time, into two
serial registers, each of which contains 512 data elements and 12 dummy elements. The typical serial-register
clocking rate is 10 megapixels per second. Operating the TC215 at the typical data rate of one field per frame
generates video output at a continuous 15 frames per second.
Gated floating-diffusion detection structures are used with each serial register to convert charge to signal
voltage. External reset allows the application of off-chip correlated clamp sample-and-hold amplifiers for
low-noise performance. To provide high output-drive capability, both outputs are buffered by low-noise,
two-stage, source-follower amplifiers. These two output signals can provide a data rate of 20 megapixels per
second when combined off chip. At room temperature, the readout noise is 55 electrons and a minimum dynamic
range of 60 dB is available.
This MOS device contains limited built-in gate protection. During storage or handling, the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to SUB. Under no
circumstances should pin voltages exceed absolute maximum ratings. Avoid shorting OUTn to ADB during operation to prevent
damage to the amplifier. The device can also be damaged if the output terminals are reverse-biased and an excessive current is
allowed to flow. Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling
Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
TRG
SRG2
SRG1
CDB
RST1
RST2
SUB
ADB
OUT2
AMP GND
OUT1
IAG2
ABG1
IAG1
SUB
SUB
TDB
SUB
IAG1
ABG1
IAG2
ABG2
24
23
22
21
20
19
18
17
16
15
11
10
9
8
7
6
5
4
3
2
1
DUAL-IN-LINE PACKAGE
(TOP VIEW)
IDB
ABG2
13
12
14
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


同様の部品番号 - TC215-40

メーカー部品番号データシート部品情報
logo
SHENZHEN FUMAN ELECTRON...
TC2151BA FUMAN-TC2151BA Datasheet
210Kb / 4P
   Single function pedometer IC
TC2151BB FUMAN-TC2151BB Datasheet
210Kb / 4P
   Single function pedometer IC
TC2152 FUMAN-TC2152 Datasheet
73Kb / 3P
   Pedometer IC
logo
Panasonic Semiconductor
TC215K-F PANASONIC-TC215K-F Datasheet
1Mb / 21P
   Snap Switches Capable of 15A Switching
TC215N-F PANASONIC-TC215N-F Datasheet
1Mb / 21P
   Snap Switches Capable of 15A Switching
More results

同様の説明 - TC215-40

メーカー部品番号データシート部品情報
logo
Texas Instruments
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737 Datasheet
796Kb / 9P
   CCD area image sensor 1024 횞 1024 pixels, front-illuminated FFT-CCDs
logo
NEC
UPD795 NEC-UPD795 Datasheet
233Kb / 7P
   1024 - BIT CCD IMAGE SENSOR
logo
List of Unclassifed Man...
KAF-1001E ETC1-KAF-1001E Datasheet
113Kb / 18P
   1024(H) x 1024(V) Pixel Enhanced Response Full-Frame CCD Image Sensor Performance Specification
logo
ATMEL Corporation
TH7887A ATMEL-TH7887A Datasheet
220Kb / 20P
   Area Array CCD Image Sensor 1024 x 1024 Pixels with Antiblooming
TH7888A ATMEL-TH7888A Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
logo
List of Unclassifed Man...
TH7888A ETC-TH7888A Datasheet
2Mb / 16P
   AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
logo
Texas Instruments
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
TC245 TI-TC245 Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com