データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K1010W データシート(PDF) 7 Page - COSMO Electronics Corporation

部品番号 K1010W
部品情報  LOW INPUT CURRENT PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K1010W データシート(HTML) 7 Page - COSMO Electronics Corporation

Back Button K1010W_16 Datasheet HTML 3Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 4Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 5Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 6Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 7Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 8Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 9Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 10Page - COSMO  Electronics Corporation K1010W_16 Datasheet HTML 11Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P00004.3
- 7 -
http://www.cosmo-ic.com
cosmo
K1010 W Series
LOW INPUT CURRENT
PHOTOCOUPLER
Recommended Soldering Conditions
(a) Infrared reflow soldering:
Peak reflow soldering:
Time of peak reflow temperature:
Time of temperature higher than 230℃:
Time to preheat temperature from 180~190℃:
Time(s) of reflow:
Flux:
260℃ or below (package surface temperature)
10 sec
30-60 sec
60-120 sec
Two
Rosin flux containing small amount of chlorine (The
flux with a maximum chlorine content of 0.2 Wt% is
recommended.)
Recommended Temperature Profile of Infrared Reflow
18 0 ℃
19 0 ℃
23 0 ℃
26 0 ℃
60 -1 2 0 s e c
30 -6 0 s e c
t (s )
1 0 se c M a x.
(b) Wave soldering:
Temperature:
Time:
Preheating conditions:
Time(s) of reflow:
Flux:
260℃ or below (molten solder temperature)
10 seconds or less
120℃ or below (package surface temperature)
One
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% is recommended.)
(c) Cautions:
Fluxes:
Avoid removing the residual flux with freon-based and chlorine-based
cleaning solvent.
Avoid shorting between portion of frame and leads.


同様の部品番号 - K1010W_16

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
K1010WA COSMO-K1010WA Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010WE COSMO-K1010WE Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
More results

同様の説明 - K1010W_16

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010T COSMO-K1010T_16 Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
logo
Sharp Corporation
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
   Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC364N SHARP-PC364N Datasheet
63Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
   AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com