データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K10103BTLD データシート(PDF) 3 Page - COSMO Electronics Corporation

部品番号 K10103BTLD
部品情報  4PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10103BTLD データシート(HTML) 3 Page - COSMO Electronics Corporation

  K10103BTLD Datasheet HTML 1Page - COSMO  Electronics Corporation K10103BTLD Datasheet HTML 2Page - COSMO  Electronics Corporation K10103BTLD Datasheet HTML 3Page - COSMO  Electronics Corporation K10103BTLD Datasheet HTML 4Page - COSMO  Electronics Corporation K10103BTLD Datasheet HTML 5Page - COSMO  Electronics Corporation K10103BTLD Datasheet HTML 6Page - COSMO  Electronics Corporation K10103BTLD Datasheet HTML 7Page - COSMO  Electronics Corporation K10103BTLD Datasheet HTML 8Page - COSMO  Electronics Corporation K10103BTLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P00001.3
- 3 -
http://www.cosmo-ic.com
cosmo
K1010 Series
4PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Peak forward current
IFM
1
A
Reverse voltage
VR
6
V
Power dissipation
PD
70
mW
Output
Collector-emitter voltage
VCEO
80
V
Emitter-collector voltage
VECO
6
V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Total power dissipation
Ptot
200
mW
Isolation voltage 1 minute
Viso
5000
Vrms
Operating temperature
Topr
-55 to +115
Storage temperature
Tstg
-55 to +125
Soldering temperature 10 seconds
Tsol
260
Electro-optical Characteristics
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input
Forward voltage
VF
IF=20mA
-
1.2
1.4
V
Peak forward voltage
VFM
IFM=0.5A
-
-
3.0
V
Reverse current
IR
VR=4V
-
-
10
μ A
Terminal capacitance
Ct
V=0, f=1KHz
-
30
-
pF
Output
Collector dark current
ICEO
VCE=20V, IF=0
-
-
0.1
μ A
Transfer
charac-
teristics
Current transfer ratio
CTR
IF=5mA, VCE=5V
50
-
600
%
IF=1mA, VCE=5V
15
-
-
Collector-emitter saturation
VCE(sat) IF=20mA, IC=1mA
-
0.1
0.2
V
Isolation resistance
Riso
DC500V
5x10
10
10
11
-
Ω
Floating capacitance
Cf
V=0, f=1MHz
-
0.6
1.0
pF
Cut-off frequency
fC
VCC=5V, IC=2mA, RL=100Ω
-
80
-
KHz
Response time (Rise)
tr
VCE=2V, IC=2mA, RL=100Ω
-
4
18
μ s
Response time (Fall)
tf
-
3
18
μ s


同様の部品番号 - K10103BTLD

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
K10103B COSMO-K10103B Datasheet
123Kb / 6P
   High Reliability Photocoupler
More results

同様の説明 - K10103BTLD

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KP1210 COSMO-KP1210_15 Datasheet
291Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
K3010 COSMO-K3010_15 Datasheet
302Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
KT1600 COSMO-KT1600_16 Datasheet
348Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1300 COSMO-KT1300_16 Datasheet
225Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2801 COSMO-KPS2801_15 Datasheet
219Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1610 COSMO-KT1610_16 Datasheet
182Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1310 COSMO-KT1310_16 Datasheet
225Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2805 COSMO-KPS2805_15 Datasheet
230Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT101X COSMO-KT101X_16 Datasheet
178Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1000 COSMO-KT1000_16 Datasheet
177Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com