データシートサーチシステム |
|
LM1882 データシート(PDF) 5 Page - National Semiconductor (TI) |
|
|
LM1882 データシート(HTML) 5 Page - National Semiconductor (TI) |
5 / 16 page Signal Specification (Continued) HORIZONTAL AND VERTICAL GATING SIGNALS Horizontal Drive and Vertical Drive outputs can be utilized as general purpose Gating Signals. Horizontal and Vertical Gat- ing Signals are available for use when Composite Sync and Blank signals are selected and the value of Bit 2 of the Sta- tus Register is 0. The Vertical Gating signal will change in the same manner as that specified for the Vertical Blank. Horizontal Gating Signal Width = [REG(16) − REG(15)] x ckper Vertical Gating Signal Width: = [REG(18) − REG(17)] x hper CURSOR POSITION AND VERTICAL INTERRUPT The Cursor Position and Vertical Interrupt signal are avail- able when Composite Sync and Blank signals are selected and Bit 2 of the Status Register is set to the value of 1. The Cursor Position generates a single pulse of n clocks wide during every line that the cursor is specified. The signals are generated by logically ORing (ANDing) the active LOW (HIGH) signals specified by the registers used for generating Horizontal and Vertical Gating signals. The Vertical Interrupt signal generates a pulse during the vertical interval speci- fied. The Vertical Interrupt signal will change in the same manner as that specified for the Vertical Blanking signal. Horizontal Cursor Width = [REG(16) − REG(15)] x ckper Vertical Cursor Width = [REG(18) − REG(17)] x hper Vertical Interrupt Width = [REG(14) − REG(13)] x hper Addressing Logic The register addressing logic is composed of two blocks of logic. The first is the address register and counter (AD- DRCNTR), and the second is the address decode (AD- DRDEC). ADDRCNTR LOGIC Addresses for the data registers can be generated by one of two methods. Manual addressing requires that each byte of each register that needs to be loaded needs to be ad- dressed. To load both bytes of all 19 registers would require a total of 57 load cycles (19 address and 38 data cycles). Auto Addressing requires that only the initial register value be specified. The Auto Load sequence would require only 39 load cycles to completely program all registers (1 address and 38 data cycles). In the auto load sequence the low order byte of the data register will be written first followed by the high order byte on the next load cycle. At the time the High Byte is written the address counter is incremented by 1. The counter has been implemented to loop on the initial value loaded into the address register. For example: If a value of 0 was written into the address register then the counter would count from 0 to 18 before resetting back to 0. If a value of 15 was written into the address register then the counter would count from 15 to 18 before looping back to 15. If a value greater than or equal to 18 is placed into the address register the counter will continuously loop on this value. Auto ad- dressing is initiated on the falling edge of LOAD when AD- DRDATA is 0 and LHBYTE is 1. Incrementing and loading of data registers will not commence until the falling edge of LOAD after ADDRDATA goes to 1. The next rising edge of DS100232-5 FIGURE 2. Vertical Waveform Specification DS100232-12 FIGURE 3. Equalization/Serration Interval Programming www.national.com 5 |
同様の部品番号 - LM1882 |
|
同様の説明 - LM1882 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |