データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02066 データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 M02066
部品情報  Bias and modulation current monitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

M02066 データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button M02066 Datasheet HTML 4Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 5Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 6Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 7Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 8Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 9Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 10Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 11Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Pin Description
02066-DSH-001-D
Mindspeed Technologies
®
6
Preliminary Information / Mindspeed Proprietary and Confidential
27
NC
Not connected and may be grounded for compatibility with MAX3869
28
TCSLOPE
Connecting a resistor between this pin and ground sets the temperature coefficient of IMODSET (using the
internal IC temperature)
29
MPCSET
A resistor between this pin and ground sets the mean optical power
30
MODSET
Modulation current set. Connect a resistor between this pin and ground to set
31
OCASET
Over current alarm set. Connect a resistor between this pin and ground to set
NOTE:
TCSTART is internally connected to 0 V in the TQFP32.
The center pad must be connected to ground through an array of vias for good electrical and thermal performance.
Table 2-2.
Pin Descriptions (TQFP 32) (Continued)
Pin No.
Name
Function


同様の部品番号 - M02066

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066-21 MA-COM-M02066-21 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066-21 MA-COM-M02066-21 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
M02066-51 MA-COM-M02066-51 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066-51 MA-COM-M02066-51 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results

同様の説明 - M02066

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX15059 MAXIM-MAX15059 Datasheet
2Mb / 15P
   76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10
MAX15031 MAXIM-MAX15031 Datasheet
379Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
MAX15031 MAXIM-MAX15031_09 Datasheet
477Kb / 17P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
logo
Linear Technology
LT2940 LINER-LT2940 Datasheet
343Kb / 24P
   Power and Current Monitor
LT2940 LINER-LT2940_15 Datasheet
347Kb / 24P
   Power and Current Monitor
logo
Texas Instruments
INA190 TI1-INA190_18 Datasheet
652Kb / 31P
[Old version datasheet]   Low-Supply, High-Accuracy, Low- and High-Side Current-Shunt Monitor With Picoamp Bias Current and Enable
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Analog Devices
ADL5317 AD-ADL5317 Datasheet
547Kb / 16P
   Avalanche Photodiode Bias Controller and Wide Range (5 nA to 5 mA) Current Monitor
REV. 0
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com