データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02066 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 M02066
部品情報  Bias and modulation current monitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

M02066 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  M02066 Datasheet HTML 1Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 2Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 3Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 4Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 5Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 6Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 7Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 8Page - List of Unclassifed Manufacturers M02066 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
02066-DSH-001-D
Mindspeed Technologies
®
November 2006
Preliminary Information / Mindspeed Proprietary and Confidential
The M02066 is a highly integrated, programmable laser driver intended for SONET/SDH applications with FEC to 3
Gbps. Using differential PECL data and clock inputs, the M02066 supplies the bias and modulation current
required to drive an edge-emitting laser. The modulation output can be DC-coupled to the laser diode, giving a
significant power saving over AC-coupled operation.
The M02066 includes automatic power control to maintain a constant average laser output power over temperature
and life. In addition, the modulation current can be temperature compensated to minimize variation in extinction
ratio over temperature.
Output flags indicate laser end of life as well as failure of the APC circuitry to maintain average output power.
General Note: This product was previously called the CX02066.
Features
• High speed operation; suitable for applications to 3 Gbps.
• Typical rise/fall times of 90 ps.
• DC or AC coupled modulation drive.
• Differential data and clock inputs to minimize pattern dependent
jitter.
• Independently Programmable Laser Bias and Modulation currents.
• Bias current to 100 mA and modulation current to 85 mA at VCC =
3.3 V
• Automatic Laser Power Control, with programmable temperature
compensation and ‘Slow-Start’.
• Bias and modulation current monitor
• Operates with +3.3 Volt supply
• Functionally compatible with MAX 3869
• The M02066-21 and M02066-51 are available in a BCC+24
package. The M02066-82 is available in a TQFP32 package.
• Available in RoHS compliant packages
Applications
• Short reach and Metro SONET/SDH
• Datacomms Modules
• Add/Drop Multiplexers
• Digital Cross Connects
Functional Block Diagram
X100
X60
Failure
Detect
DIS
ENA
60
60
FAIL
X1
OCA
BIASMON
MODMON
IBIAS
IMOD
OUT-
OUT+
VCC
IBIAS
RMPCSET
V CC
CMPC
VREF
PD
OCA SET
RD
GNDA
RSHUNT
CSHUNT
CEN
CLK
D
Q
DATA
MPC SET
NOTE: BCC+24 Package
PD and MPC
SET are com m on on P in 13
BIAS
MO N and M O DMON are com m on on P in 4
Preliminary Information
This document contains information on a new product. The parametric information, although not
fully characterized, is the result of testing initial devices.
M02066
3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet


同様の部品番号 - M02066

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066-21 MA-COM-M02066-21 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066-21 MA-COM-M02066-21 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
M02066-51 MA-COM-M02066-51 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066-51 MA-COM-M02066-51 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results

同様の説明 - M02066

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX15059 MAXIM-MAX15059 Datasheet
2Mb / 15P
   76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10
MAX15031 MAXIM-MAX15031 Datasheet
379Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
MAX15031 MAXIM-MAX15031_09 Datasheet
477Kb / 17P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
logo
Linear Technology
LT2940 LINER-LT2940 Datasheet
343Kb / 24P
   Power and Current Monitor
LT2940 LINER-LT2940_15 Datasheet
347Kb / 24P
   Power and Current Monitor
logo
Texas Instruments
INA190 TI1-INA190_18 Datasheet
652Kb / 31P
[Old version datasheet]   Low-Supply, High-Accuracy, Low- and High-Side Current-Shunt Monitor With Picoamp Bias Current and Enable
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Analog Devices
ADL5317 AD-ADL5317 Datasheet
547Kb / 16P
   Avalanche Photodiode Bias Controller and Wide Range (5 nA to 5 mA) Current Monitor
REV. 0
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com