データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H-8ASI-MUX データシート(PDF) 1 Page - THOR communications

部品番号 H-8ASI-MUX
部品情報  The H-8ASI-MUX is an ASI transport stream multiplexer for up to 8 inputs.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  THOR [THOR communications]
ホームページ  http://www.thorfiber.com
Logo THOR - THOR communications

H-8ASI-MUX データシート(HTML) 1 Page - THOR communications

  H-8ASI-MUX Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet: H-8ASI-MUX
The H-8ASI-MUX is an ASI transport
stream multiplexer for up to 8 inputs.
The unit takes the 8 ASI inputs and
multiplexes them onto a single ASI
output. The output is a DVB-ASI Multi
Program Transport Stream (MPTS). The H-8ASI-MUX has an easy to read LCD display for easy
configuration and status. The unit also offers an Ethernet port for remote management and
monitoring. The H-8ASI-MUX has the ability to insert Electronic Programing Guide (EPG) information
and offers Conditional Access (CA). Featuring auto generation of PSI/SI information, re-mapping of
PID, service filtering, and editing of PSI/SI information. The H-8ASI-MUX is an ideal solution for digital
TV Broadcasters who need to multiplex multiple transport streams onto a single DVB-ASI output.
Typical H-8ASI-MUX Application
Technical Specifications
Input Interfaces:
ASI
8 ASI Inputs Max 216 Mbps / Ch
Re-Multiplexing
MPEG-2 Input TS Re-Mux
PID Remapping
PCR Correction
Auto Generation of PSI/SI Tables
Output Interfaces:
ASI
1 Multiplexed Output 1x2 mirrored
Ethernet Port
10/100 Mbps NMS port
Physical Characteristics
Operating Temp:
0 – 45 (°C)
Storage Temp:
-20 – 80 (°C)
Operating Humidity:
0 – 90 (%)
Storage Humidity:
0 – 90 (%)
Power Requirements:
110/240V Auto Sense
Dimensions:
480mmX225mmX44mm
© 2013 Thor Broadcast – All rights reserved.
Contact: Sales@thorfiber.com 1-800-521-8467


同様の部品番号 - H-8ASI-MUX

メーカー部品番号データシート部品情報
logo
THOR communications
H-8A-ENC THOR-H-8A-ENC Datasheet
400Kb / 1P
   High capacity 16 Input Analog Audio Encoder System
More results

同様の説明 - H-8ASI-MUX

メーカー部品番号データシート部品情報
logo
THOR communications
F-1ASI THOR-F-1ASI Datasheet
2Mb / 1P
   DVB-ASI Over Fiber Transport
logo
List of Unclassifed Man...
VS811 ETC2-VS811 Datasheet
798Kb / 2P
   8-Channel SDI/ASI Multiplexer/Demultiplexer
logo
PHOENIX CONTACT
2308124 PHOENIX-2308124 Datasheet
68Kb / 2P
   The HART transfer board is used to operate the MACX-MCR-S-MUX HART multiplexer.
logo
Advanced Semiconductor
2SC2951 ASI-2SC2951 Datasheet
21Kb / 1P
   The ASI 2SC2951 is a High Frequency Transistor Designed for General Purpose Oscillator Applications up to 10 GHz.
logo
Exar Corporation
MP8820 EXAR-MP8820 Datasheet
139Kb / 12P
   8-Bit Analog-to-Digital Converter with an 8-Channel MUX
logo
Feeling Technology Corp...
FM8PC71A FEELING-FM8PC71A Datasheet
68Kb / 4P
   The FM8PC71A is an 8-bit microprocessor embedded device
logo
JDS Uniphase Corporatio...
MDX-08MXC001A JDSU-MDX-08MXC001A Datasheet
131Kb / 3P
   8 Channel CWDM Multiplexer/Demultiplexer (Mux/Demux)
logo
Texas Instruments
SN74HCS151 TI-SN74HCS151 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS151 8-to-1 Multiplexer with Schmitt-Trigger Inputs
logo
Analog Devices
ADUM5010 AD-ADUM5010 Datasheet
476Kb / 16P
   The ADuM50101 is an integrated, isolated dc-to-dc converter.
REV. A
logo
PHOENIX CONTACT
2702495 PHOENIX-2702495 Datasheet
92Kb / 4P
   The terminal is designed for use within an Inline station.
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com