データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1370FG データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TA1370FG
部品情報  SYNC Processor, Frequency Counter IC for TV Component Signals
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1370FG データシート(HTML) 5 Page - Toshiba Semiconductor

  TA1370FG Datasheet HTML 1Page - Toshiba Semiconductor TA1370FG Datasheet HTML 2Page - Toshiba Semiconductor TA1370FG Datasheet HTML 3Page - Toshiba Semiconductor TA1370FG Datasheet HTML 4Page - Toshiba Semiconductor TA1370FG Datasheet HTML 5Page - Toshiba Semiconductor TA1370FG Datasheet HTML 6Page - Toshiba Semiconductor TA1370FG Datasheet HTML 7Page - Toshiba Semiconductor TA1370FG Datasheet HTML 8Page - Toshiba Semiconductor TA1370FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
TA1370FG
2003-02-19
5
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
7
AFC Filter
Connect filter for horizontal
AFC.
Voltage on this pin determines
horizontal output frequency.
DC
8
N.C.
Connect to GND.
9
HVCO
Connect ceramic oscillator for
horizontal oscillation.
Use Murata
CSBLA503KECZF30.
10
N.C.
Connect to GND.
11
VCC
VCC pin.
Connect 9 V (typ.).
11
7
5
300
30 k
11
9
5
4 k
1 k
10 k


同様の部品番号 - TA1370FG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA1370FG TOSHIBA-TA1370FG Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
More results

同様の説明 - TA1370FG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AF TOSHIBA-TA1318AF Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318NG TOSHIBA-TA1318NG Datasheet
897Kb / 41P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AFG TOSHIBA-TA1318AFG Datasheet
376Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TB1305FG TOSHIBA-TB1305FG Datasheet
661Kb / 33P
   Component SW, Sync Separation and H/V Frequency Counter IC for TVs
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
logo
Maxim Integrated Produc...
MAX9568 MAXIM-MAX9568 Datasheet
248Kb / 16P
   Component Analog TV Sync Separator
Rev 1; 12/08
logo
Toshiba Semiconductor
TA8819FG TOSHIBA-TA8819FG Datasheet
1Mb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAYBACK IC FOR LCD TV
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com