データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MBR40250G データシート(PDF) 4 Page - ON Semiconductor

部品番号 MBR40250G
部品情報  Switch-mode Schottky Power Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR40250G データシート(HTML) 4 Page - ON Semiconductor

  MBR40250G Datasheet HTML 1Page - ON Semiconductor MBR40250G Datasheet HTML 2Page - ON Semiconductor MBR40250G Datasheet HTML 3Page - ON Semiconductor MBR40250G Datasheet HTML 4Page - ON Semiconductor MBR40250G Datasheet HTML 5Page - ON Semiconductor MBR40250G Datasheet HTML 6Page - ON Semiconductor MBR40250G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MBR40250G, MBR40250TG, MBRF40250TG, MBRB40250TG
www.onsemi.com
4
TYPICAL CHARACTERISTICS
SQUARE WAVE
RATED VOLTAGE
RqJC = 3°C/W
DC
50
60
60
80
100
120
140
40
30
20
10
0
70
90
110
130
150
TC, CASE TEMPERATURE (°C)
Figure 7. Current Derating (Case) for
MBRF40250T
Figure 8. Forward Power Dissipation for
MBRF40250T
020
40
10
30
50
70
45
55
35
25
15
5
65
MBRF40250T
SQUARE WAVE
DC
50
30
40
40
30
20
10
0
35
IO, AVERAGE FORWARD CURRENT (A)
010
20
515
25
MBRF40250T
ORDERING INFORMATION
Device
Package
Shipping
MBR40250G
TO−220 (2−LEAD)
(Pb−Free)
50 Units / Rail
MBR40250TG
TO−220
(Pb−Free)
50 Units / Rail
MBRF40250TG
TO−220 FULLPACK
(Pb−Free)
50 Units / Rail
MBRB40250TG
D2PAK 3
(Pb−Free)
50 Units / Rail
MBRB40250TT4G
D2PAK 3
(Pb−Free)
800 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


同様の部品番号 - MBR40250G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MBR40250G ONSEMI-MBR40250G Datasheet
111Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
April, 2006 ??Rev. 5
MBR40250G ONSEMI-MBR40250G Datasheet
117Kb / 7P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
May, 2011 ??Rev. 10
MBR40250G ONSEMI-MBR40250G Datasheet
107Kb / 7P
   Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
MBR40250G ONSEMI-MBR40250G_15 Datasheet
107Kb / 7P
   Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
More results

同様の説明 - MBR40250G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MBRF20200CTG ONSEMI-MBRF20200CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 8
MBRD5H100 ONSEMI-MBRD5H100_16 Datasheet
69Kb / 5P
   Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 7
MBRB1045G ONSEMI-MBRB1045G Datasheet
79Kb / 6P
   Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 9
SUR180E ONSEMI-SUR180E Datasheet
87Kb / 6P
   Switch-mode Schottky Power Rectifier
June, 2015 ??Rev. 0
MBRD5H100 ONSEMI-MBRD5H100 Datasheet
70Kb / 5P
   Switch-mode Schottky Power Rectifier
April, 2015 ??Rev. 6
MBRD1035CTL ONSEMI-MBRD1035CTL_16 Datasheet
74Kb / 6P
   Switch-mode Schottky Power Rectifier
October, 2016 ??Rev. 11
MBRF2060CTG ONSEMI-MBRF2060CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 9
MBRF2545CTG ONSEMI-MBRF2545CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 9
MBRF20100CTG ONSEMI-MBRF20100CTG Datasheet
55Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 10
MBR4015LWTG ONSEMI-MBR4015LWTG Datasheet
73Kb / 5P
   Switch Mode Schottky Power Rectifier
July, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com