データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L-117EGW データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 L-117EGW
部品情報  2 X 5 MM BI COLOR RECTANGULAR LED LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

L-117EGW データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  L-117EGW Datasheet HTML 1Page - List of Unclassifed Manufacturers L-117EGW Datasheet HTML 2Page - List of Unclassifed Manufacturers L-117EGW Datasheet HTML 3Page - List of Unclassifed Manufacturers L-117EGW Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: KDA0384
REV NO: V.1
DATE: SEP/19/2001
PAGE: 1 OF 4
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
L-117EGW HIGH EFFICIENCY RED / GREEN
L-117EYW HIGH EFFICIENCY RED / YELLOW
L-117GYW GREEN / YELLOW
2x5mm BI-COLOR RECTANGULAR LED LAMPS
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Package Dimensions
Features
!
UNIFORM LIGHT OUTPUT.
!
SUITABLE FOR LEVEL INDICATOR.
!
LOW POWER CONSUMPTION.
!
MILKY WHITE DIFFUSION LENS.
!
SUPER BRIGHT VERSION AVAILABLE.
!
I.C. COMPATIBLE.
!
LONG LIFE - SOLID STATE RELIABILITY.
Description
The High Efficiency Red source color devices are made
with Gallium Arsenide Phosphide on Gallium Phosphide
Orange Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.


同様の部品番号 - L-117EGW

メーカー部品番号データシート部品情報
logo
Rhombus Industries Inc.
L-11714 RHOMBUS-IND-L-11714 Datasheet
24Kb / 1P
   Small Toroid RF Chokes
L-11715 RHOMBUS-IND-L-11715 Datasheet
24Kb / 1P
   Small Toroid RF Chokes
L-11716 RHOMBUS-IND-L-11716 Datasheet
24Kb / 1P
   Small Toroid RF Chokes
L-11717 RHOMBUS-IND-L-11717 Datasheet
24Kb / 1P
   Small Toroid RF Chokes
L-11718 RHOMBUS-IND-L-11718 Datasheet
24Kb / 1P
   Small Toroid RF Chokes
More results

同様の説明 - L-117EGW

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
   2 mm x 5 mm Rectangular LED Lamps
HLMP-S100 HP-HLMP-S100 Datasheet
151Kb / 4P
   2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Kingbright Corporation
L119EGW KINGBRIGHT-L119EGW Datasheet
119Kb / 4P
   2 X 5 MM BI - COLOR INDICATOR LAMPS
logo
Broadcom Corporation.
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Kingbright Corporation
L117EGW KINGBRIGHT-L117EGW Datasheet
114Kb / 4P
   2x5mm BI-COLOR RECTANGULAR LED LAMPS
logo
List of Unclassifed Man...
L239EGW ETC-L239EGW Datasheet
85Kb / 3P
   2 X 5mm BI-COLOR RECTANGULAR LED LAMP
logo
Agilent(Hewlett-Packard...
HLMA-SH05 HP-HLMA-SH05 Datasheet
60Kb / 5P
   2 mm x 5 mm Rectangular AlInGaP Lamps
logo
List of Unclassifed Man...
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
   2 X 5 MM RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV52123 FAIRCHILD-MV52123 Datasheet
432Kb / 4P
   SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com