データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75010W データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LC75010W
部品情報  LC75010W Car Audio DSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75010W データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LC75010W Datasheet HTML 4Page - Sanyo Semicon Device LC75010W Datasheet HTML 5Page - Sanyo Semicon Device LC75010W Datasheet HTML 6Page - Sanyo Semicon Device LC75010W Datasheet HTML 7Page - Sanyo Semicon Device LC75010W Datasheet HTML 8Page - Sanyo Semicon Device LC75010W Datasheet HTML 9Page - Sanyo Semicon Device LC75010W Datasheet HTML 10Page - Sanyo Semicon Device LC75010W Datasheet HTML 11Page - Sanyo Semicon Device LC75010W Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
No. N7349-9/12
LC75010W
tCL
tEH
tES
tHD
tSU
Old
New
tLC
tDH
tDC
tDC
tEL
tCH
When CL is stopped at the low level
VIL
VIL
VIL
VIH
VIH
VIH
VIH
VIH
VIH
VIL
VIL
VIL
DO
CL
DI
CE
tCL
tEH
tES
tHD
tSU
Old
New
tLC
tDH
tDC
tEL
tCH
When CL is stopped at the high level
VIL
VIL
VIH
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIH
DO
Internal
data latch
CL
DI
CE
Internal
data latch
• Serial Data Timing
CL: Normally high
CL: Normally low
Reset Timing
After power has been applied, and after crystal oscillator operation and PLL circuit operation have stabilized, a reset must
be applied at the point that the Vref voltages (Vref1, Vref2, and Vref3) exceed the minimum level of 2.35 V. The reset
period must be set up to include a period of at least 0.5 µs during which the reset signal is held fixed at the low level.
Audio processing (audio input/audio output) cannot be performed during the A/D converter calibration period (100 ms),
which directly follows the reset.
Note on Changes to the DSP Core Main Clock
The LC75010W DSP core main clock can be switched by setting the TEST8 pin either low or high as shown below.
TEST8
DSP core main clock (Crystal oscillator: 16.9344 MHz)
Low (DVSS)
38.1024 MHz
High (DVDD 3.3)
40.2192 MHz


同様の部品番号 - LC75010W

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LC750 ETC-LC750 Datasheet
196Kb / 10P
   Patient Care Unit Standard Laminate or Optional Terreon Lavatory Top
logo
Sanyo Semicon Device
LC7500 SANYO-LC7500 Datasheet
140Kb / 1P
   ELECTRONIC ATTENUATION CONTROLLER
LC7500M SANYO-LC7500M Datasheet
140Kb / 1P
   ELECTRONIC ATTENUATION CONTROLLER
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
More results

同様の説明 - LC75010W

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
logo
NXP Semiconductors
SAF7741HV NXP-SAF7741HV Datasheet
1Mb / 83P
   Dual IF car radio and audio DSP
Rev. 05 - 09 May 2008
logo
STMicroelectronics
TDA7502 STMICROELECTRONICS-TDA7502 Datasheet
58Kb / 8P
   IN-CAR REMOTE AMPLIFIER DSP
TDA7502 STMICROELECTRONICS-TDA7502_06 Datasheet
268Kb / 25P
   In-car remote amplifier DSP
logo
Rohm
BU9414FV ROHM-BU9414FV Datasheet
1Mb / 61P
   32bit Audio DSP
BU9409FV ROHM-BU9409FV_12 Datasheet
1Mb / 58P
   32bit Audio DSP
logo
HuaXinAn Electronics CO...
AK7736BVQ HUAXINAN-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
logo
ON Semiconductor
LV25810PEB ONSEMI-LV25810PEB Datasheet
1Mb / 28P
   Bi-CMOS LSI Car DSP Tuner
June, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com