データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

E-1048-S700DC24V-2.0A データシート(PDF) 1 Page - ETAL Group

部品番号 E-1048-S700DC24V-2.0A
部品情報  Optimum load protection because a range of current ratings is available
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETAL [ETAL Group]
ホームページ  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-S700DC24V-2.0A データシート(HTML) 1 Page - ETAL Group

  E-1048-S700DC24V-2.0A Datasheet HTML 1Page - ETAL Group E-1048-S700DC24V-2.0A Datasheet HTML 2Page - ETAL Group E-1048-S700DC24V-2.0A Datasheet HTML 3Page - ETAL Group E-1048-S700DC24V-2.0A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-t-a.de
Solid state remote power controller E-1048-S7...
1646
1
5
Description
Features
Technical data (Tamb = 25 °C, at UN)
Order numbering code
E-1048-S7xx
Load circuit
Operating voltage UB
DC 24 V (18...32 V)
Current ratings IN
1; 2; 4; 5 A
Quiescent current IS
typically 0.5 mA
Min. load current
Version700:
wire break “OFF” condition: Rload > 500 KΩ
Option: wire break in “OFF” and “ON” condition:
wire break “OFF” condition: Rload > typically 500 kΩ
wire break “ON” condition: Iload < typically 130 mA (1 A unit)
Iload < typically 500 mA (2/4/5 A unit)
Voltage drop UDSmax
0.1 V
Trip times tON/tOFF
typically 5 ms / 1.5 ms
Overload disconnection
1.5 (±-0.3) x IN after approx. 200 ms
Short circuit current
max. 50 A L/R = 2- 3 ms
max. 180 A L/R = 0 ms
OFF delay
typically 200 ms
Control input IN+
Control level
between IN+ and GND
Voltage controlled
DC 0 V < low level < 5 V
Input UE
DC 8.5 V < high level < 32 V
Input current IE
1...10 mA (8.5 V...32 V)
Max. switching frequency fmax 100 Hz
Error signal output
Relay contact
max. DC 30 V / 0.5 A
(potential-free signal contact)
min. DC 10 V / 10 mA
General data
Housing material
moulded
Operating temperature 0…60°C
Storage temperature
-40...70°C
Blade terminals
6.3 mm to EN 60934-6.3-0.8
Humidity
96 hours at 95% RH, 40 °C
to IEC 60068-2-78,-Cab
climate class 3K3 to EN60721
Vibration
3g test to IEC 60068-2-6, test Fc
Shock
30 g/11 ms halfsine to EN60068-2-7
Protection class
housing IP30 DIN40050
terminals IP00 EN 40050
EMC requirements
noise emission: EN 61000-6-3
noise immunity: EN 61000-6-2
Insulation resistance
>100MΩ (DC500V) auxiliary contact
to
LINE, LOAD, GND and IN+ (bridged)
Dielectric strength
test voltage AC 500 V, auxiliary con-
tact to LINE, LOAD, GND and IN+
(bridged)
Dimensions (w x h d)
12.5 x 70 x 60 mm
Mass
approx. 33g
Type No.
E-1048
solid state remote power controller for PLC outputs
Version
S700 with wire break monitoring in OFF condition (standard)
S702 with permanent wire break monitoring
S703 without wire break monitoring
Rated voltage
DC 24 V DC 24 V (standard)
Current ratings
1.0 A
2.0 A
4.0 A
5.0 A
E-1048 -
S700 DC 24 V 1.0 A
ordering example
The E-T-A solid state remote power controller for PLC outputs
E-1084-S7... is a transistor switch with integral protection and
signalling functions. It is used in applications where the existing
PLC output power is not sufficient. In addition the device provides
protection against short circuit and overload as well as a monitoring
function with regard to wire break. The solid state remote power
controller E-1048-S7.. reduces the number of components such as fuses
and relays and avoids the use of expensive powerful output cards.
The devices are operated on a power distribution module 17plus
and they also fit into the smart power distribution system SVS16.
The E-1048-S7.. easily allows control, protection and load circuit
diagnosis and offers reduced wiring efforts.
Applications
Automation and process control
- Coupler component for cost-effective power gain at PLC outputs
- Optimum protection of every single load by load circuit monitoring
Protection and control for fast switching operations with:
- motors
- magnetic valves
- resistive loads
- signalling and monitoring lamps
l
Optimum load protection because a range of current ratings is
available
l
No derating over the entire temperature range
l
Fast short circuit disconnection with simultaneous short-circuit
limitation
l
Time-dependent overload disconnection (trip curve similar to
thermal-magnetic circuit breakers)
l
Remotely controllable
l
Error message: LED and signal output indicate overload/short
circuit and wire break in the “OFF” condition (version 700), wire
break in “OFF” and “ON” condition: (type: 702)
l
Physically isolated fault indication
l
Compact enclosure
l
Plug-in design to fit into power distribution module 17plus and
power distribution system SVS16


同様の部品番号 - E-1048-S700DC24V-2.0A

メーカー部品番号データシート部品情報
logo
ETAL Group
E-1048-S600DC24V0.5A ETAL-E-1048-S600DC24V0.5A Datasheet
288Kb / 4P
   Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
E-1048-S600DC24V1.0A ETAL-E-1048-S600DC24V1.0A Datasheet
288Kb / 4P
   Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
E-1048-S600DC24V2.0A ETAL-E-1048-S600DC24V2.0A Datasheet
288Kb / 4P
   Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
E-1048-S600DC24V4.0A ETAL-E-1048-S600DC24V4.0A Datasheet
288Kb / 4P
   Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
E-1048-S602 ETAL-E-1048-S602 Datasheet
288Kb / 4P
   Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
More results

同様の説明 - E-1048-S700DC24V-2.0A

メーカー部品番号データシート部品情報
logo
ETAL Group
E-1048-S602 ETAL-E-1048-S602 Datasheet
288Kb / 4P
   Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
logo
JMK Inc.
AA-0440-6 JMK-AA-0440-6 Datasheet
200Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-10 JMK-FF-0440-10 Datasheet
228Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-3 JMK-FF-0440-3 Datasheet
270Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
FF-0440-8 JMK-FF-0440-8 Datasheet
267Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-3 JMK-AA-0440-3 Datasheet
237Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-8 JMK-AA-0440-8 Datasheet
198Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-6 JMK-FF-0440-6 Datasheet
230Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
AA-0440-10 JMK-AA-0440-10 Datasheet
203Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
   A wide selection of sizes is available
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com