データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5--21028--7 データシート(PDF) 1 Page - TE Connectivity Ltd

部品番号 5--21028--7
部品情報  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5--21028--7 データシート(HTML) 1 Page - TE Connectivity Ltd

  5--21028--7 Datasheet HTML 1Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 2Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 3Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 4Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 5Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 6Page - TE Connectivity Ltd 5--21028--7 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Instruction Sheet
PIDG* STRATO- THERM*
408--10040
LOC B
1
of 7
E
2012 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or Company names may be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
04 JAN 12 Rev E
Terminal Crimping Tools
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low volume
applications. A wide selection of powered application equipment for extended--use, production operations is available.
Figure 1
Stationary
Crimping Dies
(Anvils)
Locator
CERTI--CRIMP*
Hand Crimping Tool
Ratchet Control
Insulation Crimping
Adjustment Pin
Movable Crimping
Dies (Indenters)
1. INTRODUCTION
This instruction sheet covers hand crimping tools
576778, 576779, 576780, 576781, 576782, 576783,
and 576784 which are used to crimp PIDG
STRATO--THERM Terminals to the wire sizes listed in
Figure 2.
Dimensions on this instruction sheet are in
millimeters [with inches in brackets]. Figures and
illustrations are for identification only and are not
drawn to scale.
2. DESCRIPTION
Each tool features a head containing two stationary
crimping dies (anvils) and two movable crimping dies
(indenters), a locator, an insulation crimping
adjustment pin, and a CERTI--CRIMP hand crimping
tool ratchet control. See Figure 1.
When closed, the crimping dies form one crimping
chamber with two sections: an insulation barrel
section and a wire barrel section. The insulation barrel
section crimps the terminal onto the wire insulation
and, simultaneously, the wire barrel section crimps
the terminal wire barrel onto the stripped wire. The
locator positions the terminal in the crimping chamber.
The insulation crimping adjustment pin is used to
regulate the height of the insulation crimp.
The CERTI--CRIMP hand crimping tool ratchet control
ensures full crimping of the terminal. Once engaged,
the ratchet will not release until the tool handles have
been FULLY closed.
The crimping dies bottom before the
CERTI--CRIMP hand crimping tool ratchet control
releases. This design feature ensures maximum
electrical and tensile performance of the crimp.
Do NOT re--adjust the ratchet.
NOTE
i
CAUTION
!


同様の部品番号 - 5--21028--7

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
5--21003--1 TEC-5--21003--1 Datasheet
85Kb / 2P
   Adapter Kits for GREENERD Manual
logo
Tyco Electronics
5--21012--4 MACOM-5--21012--4 Datasheet
108Kb / 4P
   0.8mm CHAMP* Crimper Assemblies
More results

同様の説明 - 5--21028--7

メーカー部品番号データシート部品情報
logo
Tyco Electronics
408-10324 MACOM-408-10324 Datasheet
239Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-9935 MACOM-408-9935 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-9359 TEC-408-9359 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-9039 MACOM-408-9039 Datasheet
103Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
411-3236 MACOM-411-3236 Datasheet
216Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-6561 TEC-408-6561 Datasheet
110Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-1216 TEC-408-1216 Datasheet
91Kb / 2P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-10110 TEC-408-10110 Datasheet
191Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-8377 MACOM-408-8377 Datasheet
249Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-8607 MACOM-408-8607 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9240 MACOM-408-9240 Datasheet
85Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com