データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16C2550IQ48 データシート(PDF) 2 Page - Exar Corporation

部品番号 ST16C2550IQ48
部品情報  DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550IQ48 データシート(HTML) 2 Page - Exar Corporation

  ST16C2550IQ48 Datasheet HTML 1Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 2Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 3Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 4Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 5Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 6Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 7Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 8Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
ST16C2550
2
Rev. 3.20
48 Pin TQFP Package
40 Pin DIP Package
Figure 1, Package Descriptions, 40 pin, 48 pin ST16C2550
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
D5
D6
D7
RXB
RXA
-TXRDYB
TXA
TXB
-OPB
-CSA
-CSB
N.C.
RESET
-DTRB
-DTRA
-RTSA
-OPA
-RXRDYA
INTA
INTB
A0
A1
A2
N.C.
ST16C2550CQ48
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
D0
D1
D2
D3
D4
D5
D6
D7
RXB
RXA
TXA
TXB
-OPB
-CSA
-CSB
XTAL1
XTAL2
-IOW
-CDB
GND
VCC
-RIA
-CDA
-DSRA
-CTSA
RESET
-DTRB
-DTRA
-RTSA
-OPA
INTA
INTB
A0
A1
A2
-CTSB
-RTSB
-RIB
-DSRB
-IOR


同様の部品番号 - ST16C2550IQ48

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C2550IQ48 EXAR-ST16C2550IQ48 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550IQ48 EXAR-ST16C2550IQ48 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
ST16C2550IQ48-F EXAR-ST16C2550IQ48-F Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
More results

同様の説明 - ST16C2550IQ48

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SC16C2552 PHILIPS-SC16C2552 Datasheet
579Kb / 38P
   Dual UART with 16-byte transmit and receive FIFOs
Rev. 03-20 June 2003
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
   Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Exar Corporation
ST16C554D EXAR-ST16C554D Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com