データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16C2550IQ48 データシート(PDF) 6 Page - Exar Corporation

部品番号 ST16C2550IQ48
部品情報  DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550IQ48 データシート(HTML) 6 Page - Exar Corporation

Back Button ST16C2550IQ48 Datasheet HTML 2Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 3Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 4Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 5Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 6Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 7Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 8Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 9Page - Exar Corporation ST16C2550IQ48 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ST16C2550
6
Rev. 3.20
SYMBOL DESCRIPTION
Symbol
Pin
Signal
Pin Description
40
44
48
type
XTAL1
16
18
13
I
Crystal or External Clock Input - Functions as a crystal input
or as an external clock input. A crystal can be connected
between this pin and XTAL2 to form an internal oscillator
circuit. This configuration requires an external 1 MW resis-
tor between the XTAL1 and XTAL2 pins. Alternatively, an
external clock can be connected to this pin to provide
custom data rates (see Baud Rate Generator Program-
ming).
XTAL2
17
19
14
O
Output of the Crystal Oscillator or Buffered Clock - (See also
XTAL1). Crystal oscillator output or buffered clock output.
Should be left open if an external clock is connected to
XTAL1.
-CD A-B
38,19 42,21 40,16
I
Carrier Detect (active low) - These inputs are associated
with individual UART channels A through B. A logic 0 on this
pin indicates that a carrier has been detected by the modem
for that channel.
-CTS A-B
36,25 40,28 38,23
I
Clear to Send (active low) - These inputs are associated with
individual UART channels, A through B. A logic 0 on the -
CTS pin indicates the modem or data set is ready to accept
transmit data from the 2550. Status can be tested by reading
MSR bit-4. This pin has no effect on the UART’s transmit or
receive operation.
-DSR A-B
37,22 41,25 39,20
I
Data Set Ready (active low) - These inputs are associated
with individual UART channels, A through B. A logic 0 on
this pin indicates the modem or data set is powered-on and
is ready for data exchange with the UART. This pin has no
effect on the UART’s transmit or receive operation.
-DTR A-B
33,34 37,38 34,35
O
Data Terminal Ready (active low) - These outputs are
associated with individual UART channels, A through B. A
logic 0 on this pin indicates that the 2550 is powered-on and
ready. This pin can be controlled via the modem control
register. Writing a logic 1 to MCR bit-0 will set the -DTR
output to logic 0, enabling the modem. This pin will be a logic
1 after writing a logic 0 to MCR bit-0, or after a reset. This


同様の部品番号 - ST16C2550IQ48

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C2550IQ48 EXAR-ST16C2550IQ48 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550IQ48 EXAR-ST16C2550IQ48 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
ST16C2550IQ48-F EXAR-ST16C2550IQ48-F Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
More results

同様の説明 - ST16C2550IQ48

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SC16C2552 PHILIPS-SC16C2552 Datasheet
579Kb / 38P
   Dual UART with 16-byte transmit and receive FIFOs
Rev. 03-20 June 2003
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
   Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Exar Corporation
ST16C554D EXAR-ST16C554D Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com