データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD231 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 TD231
部品情報  Technical Specifications for 5 kA, Normal-Duty Distribution 4.5 kV and 5 kV VariSTAR MOV Disks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

TD231 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  TD231 Datasheet HTML 1Page - List of Unclassifed Manufacturers TD231 Datasheet HTML 2Page - List of Unclassifed Manufacturers TD231 Datasheet HTML 3Page - List of Unclassifed Manufacturers TD231 Datasheet HTML 4Page - List of Unclassifed Manufacturers TD231 Datasheet HTML 5Page - List of Unclassifed Manufacturers TD231 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
STORAGE AND HANDLING
The VariSTAR MOV disks are packaged on wooden pallets and
secured for ocean container shipment. The pallet/boxes shall be
stored indoors until the purchaser’s acceptance test. Once
opened, the disks shall be stored in a dry and clean environment to
avoid moisture or other contaminants to collect on the disk surface.
The MOV disk should not be handled with bare hands. A latex or
other non-fibrous glove should be used to prevent contaminants
from compromising the collar of the disk.
Second Line
Minimum
Maximum
Digits
V5kA
V5kA
3 (& 4)
(kV)
(kV)
20
11.91
12.00
21
12.01
12.10
22
12.11
12.20
23
12.21
12.30
24
12.31
12.40
25
12.41
12.50
26
12.51
12.60
27
12.61
12.70
28
12.71
12.80
29
12.81
12.90
30
12.91
13.00
31
13.01
13.10
32
13.11
13.20
33
13.21
13.30
34
13.31
13.40
35
13.41
13.50
36
13.51
13.60
37
13.61
13.70
38
13.71
13.80
39
13.81
13.90
40
13.91
14.00
41
14.01
14.10
42
14.11
14.20
43
14.21
14.30
44
14.31
14.40
45
14.41
14.50
46
14.51
14.60
47
14.61
14.70
48
14.71
14.80
49
14.81
14.90
50
14.91
15.00
51
15.01
15.10
52
15.11
15.20
53
15.21
15.30
54
15.31
15.40
55
15.41
15.50
56
15.51
15.60
57
15.61
15.70
58
15.71
15.80
59
15.81
15.90
60
15.91
16.00
61
16.01
16.10
62
16.11
16.20
63
16.21
16.30
64
16.31
16.40
Table 5
Disk Sub-category
Note: For individual disk reference
only. Not for ordering.


同様の部品番号 - TD231

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
   ELECTRONIC CIRCUIT BREAKER
TD230D STMICROELECTRONICS-TD230D Datasheet
136Kb / 15P
   ELECTRONIC CIRCUIT BREAKER
TD230I STMICROELECTRONICS-TD230I Datasheet
136Kb / 15P
   ELECTRONIC CIRCUIT BREAKER
TD230N STMICROELECTRONICS-TD230N Datasheet
136Kb / 15P
   ELECTRONIC CIRCUIT BREAKER
More results

同様の説明 - TD231

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM2682E_1107 AD-ADM2682E_1107 Datasheet
484Kb / 24P
   5 kV rms Signal and Power Isolated
REV. 0
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
ADM3055E AD-ADM3055E_V01 Datasheet
505Kb / 24P
   5 kV rms/3 kV rms, Signal and Power Isolated, CAN Transceivers for CAN FD
Rev. B
logo
PHOENIX CONTACT
1853735 PHOENIX-1853735 Datasheet
76Kb / 3P
   VC-K-KV-PG16( 5- 8)
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2210 AD-ADUM2210 Datasheet
339Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. A
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM4150 AD-ADUM4150 Datasheet
456Kb / 21P
   5 kV, 6-Channel, SPIsolator Digital
logo
PHOENIX CONTACT
1690558 PHOENIX-1690558 Datasheet
99Kb / 3P
   HC-M-KV-M16(5-9)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com