データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS271M データシート(PDF) 9 Page - STMicroelectronics

部品番号 TS271M
部品情報  CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271M データシート(HTML) 9 Page - STMicroelectronics

Back Button TS271M Datasheet HTML 5Page - STMicroelectronics TS271M Datasheet HTML 6Page - STMicroelectronics TS271M Datasheet HTML 7Page - STMicroelectronics TS271M Datasheet HTML 8Page - STMicroelectronics TS271M Datasheet HTML 9Page - STMicroelectronics TS271M Datasheet HTML 10Page - STMicroelectronics TS271M Datasheet HTML 11Page - STMicroelectronics TS271M Datasheet HTML 12Page - STMicroelectronics TS271M Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TS271C,I,M
9/15
TYPICAL CHARACTERISTICS for ISET = 25µA
Figure 11 : Supply Current versus Supply
Voltage
Figure 12 : Input Bias Current versus Free Air
Temperature
Figure 13a : High Level Output Voltage versus
High Level Output Current
Figure 13b : High Level Output Voltage versus
High Level Output Current
Figure 14a : Low Level Output Voltage versus
Low Level Output Current
Figure 14b : Low Level Output Voltage versus
Low Level Output Current
CC
SUPPLY VOLTAGE, V
(V)
amb
V
OCC
°
0
4
8
12
16
200
T= 25 C
A= 1
V= V
/ 2
150
100
50
25
50
75
100
125
amb
TEMPERATURE, T
( °C)
V
= 10V
V = 5V
CC
i
100
10
1
5
4
3
2
1
0
-10
-8
-6
-4
-2
0
OH
OUTPUT CURRENT, I
(mA)
amb
id
T
= 25 C
V
= 100mV
°
V
= 5V
V= 3V
CC
CC
20
16
12
8
4
0
-50
-40
-30
-20
-10
0
amb
id
°
T
= 25 C
V
= 100mV
V
= 16V
CC
CC
V
= 10V
OUTPUT CURRENT, I
(mA)
OH
1.0
0.8
0.6
0.4
0.2
amb
ic
id
T= 2 5 ° C
V
= 0.5V
V
= -1 00m V
V
=3 V
V= 5 V
CC
CC
01
2
3
O U T P U T CURR E N T , I
(m A )
OL
0
4
81 21 6
2 0
amb
id
i
T
= 25°C
V= 0 .5 V
V
= -1 00m V
V= 1 0 V
CC
V= 1 6 V
O U T P UT CU RRE NT , I
(m A )
OL
3
2
1
CC


同様の部品番号 - TS271M

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS271M STMICROELECTRONICS-TS271M Datasheet
168Kb / 15P
   PROGRAMMABLE CMOS SINGLE OPERATIONAL AMPLIFIERS
More results

同様の説明 - TS271M

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS271 STMICROELECTRONICS-TS271_05 Datasheet
607Kb / 17P
   CMOS Programmable Low Power Single Operational Amplifier
logo
Unisonic Technologies
ULV7011 UTC-ULV7011 Datasheet
155Kb / 4P
   LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
ULV7012 UTC-ULV7012 Datasheet
155Kb / 4P
   LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
ULV7013 UTC-ULV7013 Datasheet
155Kb / 4P
   LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
   Low Power CMOS Operational Amplifier
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
   Low Power CMOS Operational Amplifier
logo
ELM Electronics
ELM832B ELM-ELM832B Datasheet
947Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Technology Corporat...
ELM832B ELM-TECH-ELM832B Datasheet
118Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Electronics
ELM842-SERIES ELM-ELM842-SERIES Datasheet
937Kb / 10P
   CMOS Low power operational amplifier
ELM832-SERIES ELM-ELM832-SERIES Datasheet
879Kb / 9P
   CMOS Low power operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com