データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPC2745T データシート(PDF) 1 Page - NEC

部品番号 UPC2745T
部品情報  3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPC2745T データシート(HTML) 1 Page - NEC

  UPC2745T Datasheet HTML 1Page - NEC UPC2745T Datasheet HTML 2Page - NEC UPC2745T Datasheet HTML 3Page - NEC UPC2745T Datasheet HTML 4Page - NEC UPC2745T Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3 V, 2.7 GHz Si MMIC
WIDEBAND AMPLIFIER
UPC2745T
NOISE FIGURE AND
GAIN vs. FREQUENCY
VCC = 3.0 V, ICC = 7.5 mA
10
12
8
6
0
1000
2000
3000
GS
NF
7.0
6.5
6.0
5.5
Frequency, f (MHz)
PART NUMBER
UPC2745T
PACKAGE OUTLINE
TO6
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Circuit Current (no signal)
VCC = 3.0 V
mA
5.0
7.5
10.0
VCC = 1.8 V
mA
4.5
GS
Small Signal Gain,
f = 500 MHz, VCC = 3.0 V
dB
9
12
14
f = 1000 MHz, VCC = 3.0 V
dB
12
f = 2000 MHz, VCC = 3.0 V
dB
11
f = 500 MHz, VCC = 1.8 V
dB
7
fU1
Upper Limit Operating Frequency, VCC = 3.0 V
GHz
2.3
2.7
VCC = 1.8 V
GHz
1.8
PSAT
Saturated Output Power,
f = 500 MHz, VCC = 3.0 V
dBm
-4
-1
f = 1000 MHz, VCC = 3.0 V
dBm
-2.5
f = 2000 MHz, VCC = 3.0 V
dBm
-3.5
f = 500 MHz, VCC = 1.8 V
dBm
-11
NF
Noise Figure,
f = 500 MHz, VCC = 3.0 V
dB
6
7.5
f = 1000 MHz, VCC = 3.0 V
dB
5.5
f = 2000 MHz, VCC = 3.0 V
dB
5.7
f = 500 MHz, VCC = 1.8 V
dB
8
RLIN
Input Return Loss,
f = 500 MHz, VCC = 3.0 V
dB
8
11
f = 1000 MHz, VCC = 3.0 V
dB
13
f = 2000 MHz, VCC = 3.0 V
dB
14
f = 500 MHz, VCC = 1.8 V
dB
6.5
RLOUT
Output Return Loss,
f = 500 MHz, VCC = 3.0 V
dB
2.5
5.5
f = 1000 MHz, VCC = 3.0 V
dB
6.5
f = 2000 MHz, VCC = 3.0 V
dB
8.5
f = 500 MHz, VCC = 1.8 V
dB
6
ISOL
Isolation,
f = 500 MHz, VCC = 3.0 V
dB
33
38
f = 1000 MHz, VCC = 3.0 V
dB
33
f = 2000 MHz, VCC = 3.0 V
dB
30
f = 500 MHz, VCC = 1.8 V
dB
35
OIP3
SSB Output Third Order Intercept
, f1 = 500 MHz, f2 = 510 MHz, VCC = 3.0 V
dBm
7
f1 = 1000 MHz, f2 = 1010 MHz, VCC = 3.0 V
dBm
5
f1 = 500 MHz, f2 = 502 MHz, VCC = 1.8 V
dBm
-5
RTH (J-A)
Thermal Resistance (Junction to Ambient)
Free Air
°C/W
620
Mounted on a 50 x 50 x 1.6 mm epoxy glass PWB
°C/W
630
FEATURES
• WIDE FREQUENCY RESPONSE: 2.7 GHz
• LOW VOLTAGE OPERATION: 3 V NOMINAL (1.8 MIN)
• LOW POWER CONSUMPTION: 22.5 mW TYP
• SUPER SMALL PACKAGE
• TAPE AND REEL PACKAGING OPTION AVAILABLE
DESCRIPTION
The UPC2745T is a Silicon Monolithic integrated circuit which
is manufactured using the NESAT III process. The NESAT III
process produces transistors with fT approaching 20 GHz.
This device is suitable as a buffer amplifier for cellular and
cordless telephone applications. Operating on a 3 volt supply
(1.8 volt minimum) this IC is ideally suited for hand-held,
portable designs.
NEC's stringent quality assurance and test procedures en-
sure the highest reliability and performance.
ELECTRICAL CHARACTERISTICS (TA = 25°C, ZL = ZS = 50 Ω)
Note: 1.The gain at fU is 3 dB down from the gain at 100 MHz.
California Eastern Laboratories


同様の部品番号 - UPC2745T

メーカー部品番号データシート部品情報
logo
California Eastern Labs
UPC2745T CEL-UPC2745T Datasheet
2Mb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2745TB NEC-UPC2745TB Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2745TB CEL-UPC2745TB Datasheet
2Mb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
More results

同様の説明 - UPC2745T

メーカー部品番号データシート部品情報
logo
NEC
UPC2746T-E3 NEC-UPC2746T-E3 Datasheet
121Kb / 5P
   3 V, 1500 MHz Si MMIC WIDEBAND AMPLIFIER
UPC2762T NEC-UPC2762T Datasheet
144Kb / 6P
   3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
UPC1678G NEC-UPC1678G Datasheet
94Kb / 16P
   5 V-BIAS, 7.5 dBm OUTPUT, 2.0 GHz WIDEBAND Si MMIC AMPLIFIER
UPC1679G NEC-UPC1679G Datasheet
73Kb / 12P
   5 V-BIAS, 5.5 dBm OUTPUT, 1.8 GHz WIDEBAND Si MMIC AMPLIFIER
UPC2747 NEC-UPC2747 Datasheet
63Kb / 5P
   3 V, 900 MHz Si MMIC AMPLIFIER
logo
California Eastern Labs
UPC3215TB-E3-A CEL-UPC3215TB-E3-A Datasheet
661Kb / 7P
   5V, SUPER MINIMOLD SI MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2748T NEC-UPC2748T Datasheet
49Kb / 5P
   3 V, 900 MHz LOW NOISE SI MMIC AMPLIFIER
logo
California Eastern Labs
UPC2762TB CEL-UPC2762TB Datasheet
181Kb / 7P
   3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com