データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X1226V8I データシート(PDF) 10 Page - Xicor Inc.

部品番号 X1226V8I
部品情報  Real Time Clock/Calendar with EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XICOR [Xicor Inc.]
ホームページ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1226V8I データシート(HTML) 10 Page - Xicor Inc.

Back Button X1226V8I Datasheet HTML 6Page - Xicor Inc. X1226V8I Datasheet HTML 7Page - Xicor Inc. X1226V8I Datasheet HTML 8Page - Xicor Inc. X1226V8I Datasheet HTML 9Page - Xicor Inc. X1226V8I Datasheet HTML 10Page - Xicor Inc. X1226V8I Datasheet HTML 11Page - Xicor Inc. X1226V8I Datasheet HTML 12Page - Xicor Inc. X1226V8I Datasheet HTML 13Page - Xicor Inc. X1226V8I Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
X1226
REV 1.1.24 1/13/03
Characteristics subject to change without notice.
10 of 24
www.xicor.com
Write Operations
Byte Write
For a write operation, the device requires the Slave
Address Byte and the Word Address Bytes. This gives
the master access to any one of the words in the array
or CCR. (Note: Prior to writing to the CCR, the master
must write a 02h, then 06h to the status register in two
preceding operations to enable the write operation.
See “Writing to the Clock/Control Registers.” Upon
receipt of each address byte, the X1226 responds with
an acknowledge. After receiving both address bytes
the X1226 awaits the eight bits of data. After receiving
the 8 data bits, the X1226 again responds with an
acknowledge. The master then terminates the transfer
by generating a stop condition. The X1226 then begins
an internal write cycle of the data to the nonvolatile
memory. During the internal write cycle, the device
inputs are disabled, so the device will not respond to
any requests from the master. The SDA output is at high
impedance. See Figure 7.
Figure 7. Byte Write Sequence
Figure 8. Writing 30 bytes to a 64-byte memory page starting at address 40.
S
t
a
r
t
S
t
o
p
Slave
Address
Word
Address 1
Data
A
C
K
A
C
K
A
C
K
SDA Bus
Signals From
The Slave
Signals from
the Master
0
A
C
K
Word
Address 0
1
1
1
1
000 00 0 0
Address
Address
40
23 Bytes
63
7 Bytes
Address
= 6
Address Pointer
Ends Here
Addr = 7
Figure 6. Slave Address, Word Address, and Data Bytes (64 Byte pages)
Slave Address Byte
Byte 0
D7
D6
D5
D2
D4
D3
D1
D0
A0
A7
A2
A4
A3
A1
Data Byte
Byte 3
A6
A5
0
0
000
A8
0
1
1
0
1
1
0
1
0
1
1
R/W
1
Device Identifier
Array
CCR
0
Word Address 1
Byte 1
Word Address 0
Byte 2


同様の部品番号 - X1226V8I

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X1226V8I INTERSIL-X1226V8I Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226V8I INTERSIL-X1226V8I Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
X1226V8I RENESAS-X1226V8I Datasheet
993Kb / 25P
   4K (512 x 8), 2-Wire??RTC Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
X1226V8IT1 INTERSIL-X1226V8IT1 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226V8IZ INTERSIL-X1226V8IZ Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
More results

同様の説明 - X1226V8I

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com