データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC16245AEV データシート(PDF) 9 Page - Integrated Circuit Systems

部品番号 74LVC16245AEV
部品情報  16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICST [Integrated Circuit Systems]
ホームページ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

74LVC16245AEV データシート(HTML) 9 Page - Integrated Circuit Systems

Back Button 74LVC16245AEV Datasheet HTML 5Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 6Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 7Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 8Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 9Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 10Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 11Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 12Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
2003 Nov 25
9
Philips Semiconductors
Product specification
16-bit bus transceiver with direction pin; 5 V tolerant;
3-state
74LVC16245A;
74LVCH16245A
DC CHARACTERISTICS
At recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 to +85 °C
VIH
HIGH-level input voltage
1.2
VCC
−−
V
2.7 to 3.6
2.0
−−
V
VIL
LOW-level input voltage
1.2
−−
0V
2.7 to 3.6
−−
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −100 µA
2.7 to 3.6
VCC − 0.2
VCC
V
IO = −12 mA
2.7
VCC − 0.5
−−
V
IO = −18 mA
3.0
VCC − 0.6
−−
V
IO = −24 mA
3.0
VCC − 0.8
−−
V
VOL
LOW-level output voltage VI =VIH or VIL
IO = 100 µA
2.7 to 3.6
0
0.20
V
IO =12mA
2.7
−−
0.40
V
IO =24mA
3.0
−−
0.55
V
ILI
input leakage current
VI = 5.5 V or GND
; notes 2 and 3
3.6
−±0.1
±5
µA
IOZ
3-state output OFF-state
current
VI =VIH or VIL;
VO = 5.5 V or GN
D
3.6
0.1
±5
µA
Ioff
power off leakage supply
VI or VO = 5.5 V
0.0
0.1
±10
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
3.6
0.1
10
µA
∆I
CC
additional quiescent
supply current per pin
VI =VCC − 0.6 V;
IO =0
2.7 to 3.6
5
500
µA
IBHL
bushold LOW sustaining
current
VI = 0.8 V;
notes 4, 5 and 6
3.0
75
−−µA
IBHH
bushold HIGH sustaining
current
VI = 2.0 V;
notes 4, 5 and 6
3.0
−75
−−µA
IBHLO
bushold LOW overdrive
current
notes 4, 5 and 7
3.6
500
−−µA
IBHHO
bushold HIGH overdrive
current
notes 4, 5 and 7
3.6
−500
−−µA


同様の部品番号 - 74LVC16245AEV

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC16245AEV PHILIPS-74LVC16245AEV Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
74LVC16245AEV PHILIPS-74LVC16245AEV Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results

同様の説明 - 74LVC16245AEV

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com