データシートサーチシステム |
|
9-305927-1 データシート(PDF) 2 Page - TE Connectivity Ltd |
|
9-305927-1 データシート(HTML) 2 Page - TE Connectivity Ltd |
2 / 7 page 408-1535 Rev T 2 of 7 2. To open the crimping jaws, close the tool handles until the CERTI-CRIMP hand crimping tool ratchet control releases. Not that the tool handles cannot be opened until they are FULLY closed. 3. Push the locator up and, from the FRONT side of the tool, insert the terminal or splice wire barrel sleeve into the crimping jaws making sure that the edge of the wire barrel sleeve rests against the locator. See Figure 3 and Figure 4. 4. Close tool handles just enough to hold the terminal or splice within the crimping jaws. Figure 3 Figure 4 CAUTION Closing the tool handles too tightly will deform the terminal or splice. 5. Insert wire conductor through the insulation barrel sleeve and into the wire barrel sleeve until it is flush with the outer edge of the wire barrel sleeve. See Figure 3 and Figure 4. NOTE The wire barrel sleeve on high-temperature terminals and splices is color-coded orange. Heat-resistant terminals and splices are not color-coded. Refer to Figure 5. Terminal Crimp Edge of Wire Barrel Sleeve Resting Against Locator Back Side of Tool Wire Barrel Sleeve Insert Wire Conductor Through Insulation Barrel Sleeve and into Wire Barrel Sleeve Terminal Tongue Through Slot in Locator Insulation Barrel Sleeve Push Locator Up So That Terminal Tongue Slides Through Slot in Locator Splice Crimp (First Crimp) Wire Barrel Sleeve Back Side of Tool Edge of Wire Barrel Sleeve Resting Against Locator Open Section of Splice in Slot in Locator Insert Wire Conductor Through Insulation Barrel Sleeve and into Wire Barrel Sleeve Push Locator Up So That Splice Slides Through Slot in Locator Insulation Barrel Sleeve |
同様の部品番号 - 9-305927-1 |
|
同様の説明 - 9-305927-1 |