データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33063ADR2 データシート(PDF) 11 Page - ON Semiconductor

部品番号 MC33063ADR2
部品情報  DC-to-DC Converter Control Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063ADR2 データシート(HTML) 11 Page - ON Semiconductor

Back Button MC33063ADR2 Datasheet HTML 7Page - ON Semiconductor MC33063ADR2 Datasheet HTML 8Page - ON Semiconductor MC33063ADR2 Datasheet HTML 9Page - ON Semiconductor MC33063ADR2 Datasheet HTML 10Page - ON Semiconductor MC33063ADR2 Datasheet HTML 11Page - ON Semiconductor MC33063ADR2 Datasheet HTML 12Page - ON Semiconductor MC33063ADR2 Datasheet HTML 13Page - ON Semiconductor MC33063ADR2 Datasheet HTML 14Page - ON Semiconductor MC33063ADR2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC34063A, MC33063A
http://onsemi.com
11
ORDERING INFORMATION
Device
Package
Shipping
MC33063AD
SO–8
98 Units / Rail
MC33063ADR2
SO–8
2500 Units / Tape & Reel
MC33063AP1
DIP–8
50 Units / Rail
MC33063AVD
SO–8
98 Units / Rail
MC33063AVDR2
SO–8
2500 Units / Tape & Reel
MC33063AVP
DIP–8
50 Units / Rail
MC34063AD
SO–8
98 Units / Rail
MC34063ADR2
SO–8
2500 Units / Tape & Reel
MC34063AP1
DIP–8
50 Units / Rail
MC34063BD
SO–8
98 Units / Rail
MC34063BDR2
SO–8
2500 Units / Tape & Reel
MC34063AM
SOEIAJ–8
94 Units / Rail
MC34063AMEL
SOEIAJ–8
1000 Units / Tape & Reel
MC34063AML1
SOEIAJ–8
1000 Units / Tape & Reel
MC34063AML2
SOEIAJ–8
2000 Units / Tape & Reel
MC34063AMR1
SOEIAJ–8
1000 Units / Tape & Reel
MC34063AMR2
SOEIAJ–8
2000 Units / Tape & Reel
MARKING DIAGRAMS
1
8
1
8
ALYW
M063A
1
8
PDIP–8
P, P1 SUFFIX
CASE 626
SO–8
D SUFFIX
CASE 751
SOEIAJ–8
M SUFFIX
CASE 968
x
= 3 or 4
z
= A denotes AD suffix
J denotes BD suffix
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
ALYWz
34063
1
8
PDIP–8
P, P1 SUFFIX
CASE 626
AWL
33063AVP
1
8
SO–8
D SUFFIX
CASE 751
YYWW
AWL
3x063AP1
YYWW
ALYWz
3x063


同様の部品番号 - MC33063ADR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33063ADR2 ONSEMI-MC33063ADR2 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC33063ADR2 ONSEMI-MC33063ADR2 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADR2 ONSEMI-MC33063ADR2 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADR2 ONSEMI-MC33063ADR2 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
More results

同様の説明 - MC33063ADR2

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
System Logic Semiconduc...
SL34063A SLS-SL34063A Datasheet
73Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
   DC-to-DC CONVERTER CONTROL CIRCUITS
logo
Linear Dimensions Semic...
LND34063A LINEAR_DIMENSIONS-LND34063A Datasheet
156Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063A TGS-MC34063A Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
logo
Estek Electronics Co. L...
KGM34063AS ESTEK-KGM34063AS Datasheet
230Kb / 13P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Wing Shing Computer Com...
MC34063A WINGS-MC34063A Datasheet
436Kb / 15P
   DC-TO-DC Converter Control Circuits
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Guangdong Kexin Industr...
MC34063A KEXIN-MC34063A Datasheet
2Mb / 7P
   DC-to-DC Converter Control Circuits
KM34064 KEXIN-KM34064 Datasheet
336Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063AD TGS-MC34063AD Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com