データシートサーチシステム |
|
R-1630 データシート(PDF) 1 Page - TE Connectivity Ltd |
|
R-1630 データシート(HTML) 1 Page - TE Connectivity Ltd |
1 / 3 page SENSOR SOLUTIONS /// STATOR RTD 10//2015 Page 1 Specifications Variety of Configurations Single and Dual Elements Custom Designs Available with: » Specific Dimensions » Side Exit » Paddle Style » High Accuracy » Special Cable or Leadwires The Stator RTD Sensor is a rectangular, flat, laminated sensors commonly called “Stator Sticks” because they are inserted between the coils in the stator of a motor. These averaging type sensors are used in electric motors and generators for continuous sensing of the temperature and provide for consistent thermal monitoring without false alarms. Many sizes are in stock or we can customize for your application. Measurement Specialties’ Stator RTD sensors are built to meet the specifications of ANSI C50.10-1990, general requirements for synchronous motors. We can build to your specifications! Features Rear Exit, Epoxy Glass Laminated Elements, Single and Dual: » Platinum, Copper, Nickel Custom Body Thickness: .030” to .375” » Standard: .030”, .050”, .078”, .093”, .125” Custom BodyWidths: .250” to 2.50” » Standard: .260”, .305”, .344”, .455”, .500”, .625” Leadwire/Cable Options STATOR RTD Temperature Sensor |
同様の部品番号 - R-1630 |
|
同様の説明 - R-1630 |