データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7-1437577-2 データシート(PDF) 3 Page - Tyco Electronics

部品番号 7-1437577-2
部品情報  Compact Slide Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

7-1437577-2 データシート(HTML) 3 Page - Tyco Electronics

  7-1437577-2 Datasheet HTML 1Page - Tyco Electronics 7-1437577-2 Datasheet HTML 2Page - Tyco Electronics 7-1437577-2 Datasheet HTML 3Page - Tyco Electronics 7-1437577-2 Datasheet HTML 4Page - Tyco Electronics 7-1437577-2 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STS Series
B13
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
.130
(3.30)
.394
(10.0)
.610
(15.5)
12 3
12 3 4
.118
(3.00)
.256
(6.50)
.240
(6.10)
.016
(0.40)
.157
(4.00)
.205
(5.20)
.098
(2.50)
TRAVEL
TYP.
.197
(5.00)
.110
(2.80)
.024
(.060)
TYP.
.098
(2.50)
TYP.
P. C. HOLE LAYOUT
.098
(2.50)
TYP.
.035
(0.90)
DIA. TYP.
.157
(4.00)
.205
(5.20)
.098
(2.50)
TRAVEL
TYP.
.197
(5.00)
.110
(2.80)
.024
(.060)
TYP.
.098
(2.50)
TYP.
.130
(3.30)
.394
(10.0)
.610
(15.5)
.118
(3.00)
.016
(0.40)
.240
(6.10)
123
12 3 4
P. C. HOLE LAYOUT
.098
(2.50)
TYP.
.035
(0.90)
DIA. TYP.
.157
(4.00)
.205
(5.20)
.098
(2.50)
TRAVEL
TYP.
.197
(5.00)
.091
(2.30)
.024
(.060)
TYP.
.098
(2.50)
TYP.
.130
(3.30)
.295
(7.50)
.512
(13.0)
12
12 3
.118
(3.00)
.256
(6.50)
.240
(6.10)
.016
(0.40)
P. C. HOLE LAYOUT
.098
(2.50)
TYP.
.035
(0.90)
DIA. TYP.
.157
(4.00)
.205
(5.20)
.098
(2.50)
TRAVEL
TYP.
.197
(5.00)
.110
(2.80)
.024
(.060)
TYP.
.098
(2.50)
TYP.
.130
(3.30)
.295
(7.50)
.512
(13.0)
.118
(3.00)
.016
(0.40)
P. C. HOLE LAYOUT
.098
(2.50)
TYP.
.035
(0.90)
DIA. TYP.
.240
(6.10)
12
12 3
Slide Switches, Miniature, Low Profile, Economy Grade
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver clad copper alloy
Case Material ..........................Steel zinc plated
Actuator Material ....................Polyester (UL 94HB)
Terminal Seal ..........................Epoxy
Terminals/Fixed Contacts ......Silver plate copper alloy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............ -5°F to 140°F (-15°C to +60°C)
Storage Temperature................-4°F to +158°F (-20°C to +70°C)
Solder Heat Resistance ............MIL-STD-202, Method 210
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................300 mA @ 125 VAC
Initial Contact Resistance ........20 Milliohms max.
Contact Timing ........................Make-before-break
Insulation Resistance ..............100 Megohms min. @ 500 VDC
Dielectric Strength ..................500 VAC
Actuation Force ......................250 Grams, +150 Grams, -100 Grams
Actuator Travel........................0.098” (2.49)
Life Expectancy ......................Up to 10,000 Cycles
SPDT
NOTICE: Bifurcated contact produces double wiping,
self-cleaning contacts.
SP3T
STS131RA
SP3T
SPDT
Part Number
Tyco
Alcoswitch
Plating
Mounting Style
Electronics
5-1437577-8
STS121PC
Silver
Upright
Part Number
Tyco
Alcoswitch
Plating
Mounting Style
Electronics
5-1437577-9
STS121RA
Silver
Right Angle
Part Number
Tyco
Alcoswitch
Plating
Mounting Style
Electronics
6-1437577-2
STS131PC
Silver
Upright
Part Number
Tyco
Alcoswitch
Plating
Mounting Style
Electronics
6-1437577-3
STS131RA
Silver
Right Angle
STS121PC
STS121RA
STS131PC
12
1 23
1 2
1 23
1 2
12 3
3
4
1 2
12 3
3
4


同様の部品番号 - 7-1437577-2

メーカー部品番号データシート部品情報
logo
Tyco Electronics
7-1437537-7 MACOM-7-1437537-7 Datasheet
939Kb / 4P
   DIP SOCKET 800 SERIES
7-1437537-8 MACOM-7-1437537-8 Datasheet
939Kb / 4P
   DIP SOCKET 800 SERIES
7-1437558-0 MACOM-7-1437558-0 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
7-1437558-1 MACOM-7-1437558-1 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
7-1437558-2 MACOM-7-1437558-2 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
More results

同様の説明 - 7-1437577-2

メーカー部品番号データシート部品情報
logo
Copal Electronics
CSS COPAL-CSS Datasheet
1Mb / 5P
   COMPACT SLIDE SWITCHES
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com