データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K008732 データシート(PDF) 2 Page - Advantech Co., Ltd.

部品番号 K008732
部品情報  Accessories
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADVANTECH [Advantech Co., Ltd.]
ホームページ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

K008732 データシート(HTML) 2 Page - Advantech Co., Ltd.

  K008732 Datasheet HTML 1Page - Advantech Co., Ltd. K008732 Datasheet HTML 2Page - Advantech Co., Ltd. K008732 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Industrial Computer Peripherals
Model Name
1700008462
1700008461
1700100170
1700003195
1700100301
1700002204
Description
USB cable with four ports
USB cable with dual ports
USB cable with dual ports
Length
30.5 cm (12.01")
30.5 cm (12.01")
17.5 cm (6.89")
17.5 cm (6.89")
27 cm (11.92")
27 cm (11.92")
Pins
10
9
10
9
10
9
Supported Models
AIMB-750 (A1E),
AIMB-740,
PCA-6002,
PCA-6178,
PCA-6186,
PCA-6187, PCA-6190
AIMB-762, AIMB-763,
AIMB-764, AIMB-766,
AIMB-767, AIMB-769,
AIMB-780, AIMB-781,
AIMB-782, PCA-6008,
PCA-6010, PCA-6011,
PCA-6194, PCE-5124,
PCE-5125, PCE-5126,
PCE-5127
AIMB-750 (A1E),
AIMB-740,
PCA-6002,
PCA-6178,
PCA-6186,
PCA-6187, PCA-6190
AIMB-762, AIMB-763,
AIMB-764, AIMB-766,
AIMB-767, AIMB-769,
AIMB-780, AIMB-781,
AIMB-782, PCA-6008,
PCA-6010, PCA-6011,
PCA-6194, PCE-5124,
PCE-5125, PCE-5126,
PCE-5127
AIMB-750 (A1E),
AIMB-740,
PCA-6002,
PCA-6178,
PCA-6186,
PCA-6187, PCA-6190
AIMB-762, AIMB-763,
AIMB-764, AIMB-766,
AIMB-767, AIMB-769,
AIMB-780, AIMB-781,
AIMB-782, PCA-6008,
PCA-6010, PCA-6011,
PCA-6194, PCE-5124,
PCE-5125, PCE-5126,
PCE-5127
Model Name
1700060202
1700060201
1701260305
Description
Y-cable for PS/2 mouse & keyboard for CPU
card
Y-cable for PS/2 mouse & AT
keyboard for CPU card
Serial and parallel ports with cables and bracket
Model Name
1700006915
1700006916
A. 1701680670
B. 1700000182
1700340640
Function
Cable to activate front door
LED board on
ACP-4000MB chassis
Cable to activate front door
LED board on
IPC-610MB-H chassis
68-pin SCSI LVDS cable;
2 male connectors &
terminators
68-pin SCSI LVDS cable;
5 male connectors &
1 terminator
FDD cable for two 3.5" FDD
Length
67 cm (26.38")
125 cm (49.21")
Supported Models
AIMB-542, 562, 564, 763
AIMB-542, 562, 564, 763
Model Name
1700008822
Description
24-pin to 20-pin DVI cable with bracket
Length
30 cm
Supported Models
PCE-5125, PCE-5126, PCE-5026, PCE-5127, PCE-7127, ASMB-782
A
B
Accessories
All product specifications are subject to change without notice
Last updated : 20-Jun-2012


同様の部品番号 - K008732

メーカー部品番号データシート部品情報
logo
Eichhoff Electronics,In...
K008-050 EICHHOFF-K008-050 Datasheet
196Kb / 2P
   tWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K008-050 EICHHOFF-K008-050 Datasheet
321Kb / 5P
   Zweipol-Funk-Entst철rkondensatoren Two-pole Radio Interference Suppression Capacitors
K008-050/502 EICHHOFF-K008-050/502 Datasheet
196Kb / 2P
   tWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K008-050/505 EICHHOFF-K008-050/505 Datasheet
196Kb / 2P
   tWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K008-050/506 EICHHOFF-K008-050/506 Datasheet
196Kb / 2P
   tWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
More results

同様の説明 - K008732

メーカー部品番号データシート部品情報
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
logo
Allen-Bradley
440A-A07265 ALLEN-BRADLEY-440A-A07265 Datasheet
181Kb / 5P
   Accessories
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com