データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5432BRM データシート(PDF) 7 Page - Analog Devices

部品番号 AD5432BRM
部品情報  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5432BRM データシート(HTML) 7 Page - Analog Devices

Back Button AD5432BRM Datasheet HTML 3Page - Analog Devices AD5432BRM Datasheet HTML 4Page - Analog Devices AD5432BRM Datasheet HTML 5Page - Analog Devices AD5432BRM Datasheet HTML 6Page - Analog Devices AD5432BRM Datasheet HTML 7Page - Analog Devices AD5432BRM Datasheet HTML 8Page - Analog Devices AD5432BRM Datasheet HTML 9Page - Analog Devices AD5432BRM Datasheet HTML 10Page - Analog Devices AD5432BRM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. 0
Typical Performance Characteristics–AD5426/AD5432/AD5443
–7–
CODE
0.20
0.10
0.15
0
–0.05
0.05
–0.10
–0.15
–0.20
050
100
150
250
200
TA = 25 C
VREF = 10V
VDD = 5V
TPC 1. INL vs. Code (8-Bit DAC)
CODE
0.20
0.15
0.10
0.05
–0.10
–0.05
0
–0.15
–0.20
0
200
TA = 25 C
VREF = 10V
VDD = 5V
50
100
150
250
TPC 4. DNL vs. Code (8-Bit DAC)
REFERENCE VOLTAGE
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
23456789
10
MAX INL
MIN INL
TA = 25 C
VREF = 10V
VDD = 5V
AD5443
TPC 7. INL vs. Reference Voltage
CODE
0.5
0.4
0.3
0.2
0.1
0
–0.5
–0.4
–0.3
–0.2
–0.1
0
200
400
800
600
1000
TA = 25 C
VREF = 10V
VDD = 5V
TPC 2. INL vs. Code (10-Bit DAC)
CODE
0.5
0.4
0.3
0.1
0.2
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
200
400
800
600
1000
TA = 25 C
VREF = 10V
VDD = 5V
TPC 5. DNL vs. Code (10-Bit DAC)
REFERENCE VOLTAGE
–0.40
–0.45
–0.50
–0.55
–0.60
–0.65
–0.70
23456789
10
MIN DNL
TA = 25 C
VREF = 10V
VDD = 5V
AD5443
TPC 8. DNL vs. Reference Voltage
CODE
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
500 1000 1500 2000 2500 3000 3500 4000
TA = 25 C
VREF = 10V
VDD = 5V
TPC 3. INL vs. Code (12-Bit DAC)
CODE
1.0
0.2
0.8
0.6
0.4
–0.2
–0.4
–0.6
0
–0.8
–1.0
0
500 1000
2000 2500 3000 3500
1500
4000
TA = 25 C
VREF = 10V
VDD = 5V
TPC 6. DNL vs. Code (12-Bit DAC)
TEMPERATURE ( C)
5
4
–3
–4
0
–2
3
2
–5
–60 –40 –20
0
20
40
60
80 100 120 140
–1
1
VDD = 5V
VDD = 3V
VREF = 10V
TPC 9. Gain Error vs. Temperature


同様の部品番号 - AD5432BRM

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5432 AD-AD5432 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5432 AD-AD5432 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5432 AD-AD5432 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5432 AD-AD5432 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5432 AD-AD5432 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results

同様の説明 - AD5432BRM

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com