データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY7C9335 データシート(PDF) 4 Page - Cypress Semiconductor

部品番号 CY7C9335
部品情報  SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C9335 データシート(HTML) 4 Page - Cypress Semiconductor

  CY7C9335 Datasheet HTML 1Page - Cypress Semiconductor CY7C9335 Datasheet HTML 2Page - Cypress Semiconductor CY7C9335 Datasheet HTML 3Page - Cypress Semiconductor CY7C9335 Datasheet HTML 4Page - Cypress Semiconductor CY7C9335 Datasheet HTML 5Page - Cypress Semiconductor CY7C9335 Datasheet HTML 6Page - Cypress Semiconductor CY7C9335 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY7C9335
4
CY7C9335 Description
Input Register
The input register is clocked by the rising edge of CKR. This
register captures the data present at the D0−9 inputs on every
clock cycle. In addition to the data inputs, all control inputs
except OE are also captured at each rising edge of CKR. This
includes BYPASS, DVB_EN, and SYNC_EN.
NRZI-to-NRZ Decoder
The data in the input register is routed through an
NRZI-to-NRZ decoder prior to being fed to the SMPTE de-
scrambler. This removes the extra transitions added to the
data stream by the NRZI encoder at the transmit end of the
interface.
SMPTE Descrambler
Once the data has been converted back to NRZ, it is then
routed through a linear feed-forward descrambler. It decodes
the data present in the NRZ decode register using the
X9 +X4 + 1 polynomial to remove the extra transitions added
to the data stream at the transmit end of the interface.
TRS Framer
The TRS Framer is used to detect all 30-bit TRS sequences
(3FF, 000, 000 in 10-bit hex) in the character stream. Anytime
this sequence is detected, the H_SYNC output toggles.
This sequence is also used to frame the received characters
so that the characters delivered to the output register are on
their correct 10-bit boundaries. If SYNC_EN is disabled (LOW)
and the TRS sequence is detected in the decoded data
stream, the character offset register is set to match the offset
of the TRS sequence, and both the TRS sequence and the
following characters are output on their proper 10-bit bound-
aries.
If SYNC_EN is enabled, and a TRS sequence is detected
whose character offset does not match that in the offset regis-
ter, an internal flag is set but the offset register is not updated.
On the next consecutive TRS sequence this flag is cleared and
the offset register is updated.
DVB-ASI Operation
The CY7C9335 is designed to operate in both SMPTE-259M
and DVB-ASI environments. When operated in SMPTE-only
environments, the DVB_EN inputs must be tied to VCC or driv-
en HIGH.
DVB-ASI operation is enabled by asserting DVB_EN LOW.
This signal is latched by the rising edge of the CKR clock.
When the CY7C9335 is placed in DVB mode, the SMPTE and
NRZI decoders are bypassed, and the data latched into the
input register is routed directly to the output register.
Error Detected
Errors detected in the DVB-ASI data stream are indicated by
the Q9 bit being HIGH. The specific type of error is identified
by the remaining Q8−0 bits in the output register.
Command Code Reception
The DVB-ASI interface does not normally transmit any com-
mand characters other than the K28.5 code that is used both
for synchronization and as a fill character when data is not
being transmitted. These K28.5 characters are normally re-
ceived as C5.0 characters. If other command characters are
also transmitted, these characters are identified by Q0 being
HIGH, and by the bits present on Q8−1.
DVB Invert Controller
DVB-ASI data streams are use 8B/10B encoded characters. If
these characters are routed through SMPTE switches or re-
peaters, the signals may be inverted causing them to decode
into incorrect or illegal characters. The CY7C9335 contains a
state machine that, in conjunction with the CY7B9334 SMPTE
HOTLink receiver, allows inverted DVB-ASI data streams to be
decoded into their correct characters.
This state machine is only enabled when in DVB mode. It mon-
itors the data stream for errors, and inverts the data stream at
the CY7B9334 if it exceeds a preset statistical error rate. For
this to operate the A/B output of the CY7C9335 needs to be
connected to the A/B input of the CY7B9334 SMPTE HOTLink
receiver (through the appropriate resistive divider).
If the CY7C9335 is not used for DVB-ASI operation, the A/B
output may be left open.
VCC
Power.
VSS
Ground.
Pin Descriptions (continued)
CY7C9335 SMPTE-259M Decoder
Name
I/O
Description


同様の部品番号 - CY7C9335

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C9335 CYPRESS-CY7C9335 Datasheet
139Kb / 8P
   SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
CY7C9335-270AC CYPRESS-CY7C9335-270AC Datasheet
139Kb / 8P
   SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
CY7C9335-400AC CYPRESS-CY7C9335-400AC Datasheet
139Kb / 8P
   SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
CY7C9335A CYPRESS-CY7C9335A Datasheet
92Kb / 8P
   SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
CY7C9335 CYPRESS-CY7C9335_02 Datasheet
139Kb / 8P
   SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
More results

同様の説明 - CY7C9335

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY7C9335 CYPRESS-CY7C9335_02 Datasheet
139Kb / 8P
   SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
CY7C9335A CYPRESS-CY7C9335A Datasheet
92Kb / 8P
   SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
CY7C9235A CYPRESS-CY7C9235A Datasheet
100Kb / 8P
   SMPTE-259M/DVB-ASI Scrambler/Controller
CY7C9235 CYPRESS-CY7C9235 Datasheet
119Kb / 7P
   SMPTE-259M/DVB-ASI Scrambler/Controller
CY7C9235 CYPRESS-CY7C9235_02 Datasheet
117Kb / 8P
   SMPTE-259M/DVB-ASI Scrambler/Controller
logo
Texas Instruments
LMH0031 TI1-LMH0031 Datasheet
375Kb / 39P
[Old version datasheet]   SMPTE 292M/259M Digital Video Deserializer / Descrambler
logo
NXP Semiconductors
SAA7206H PHILIPS-SAA7206H Datasheet
193Kb / 52P
   DVB compliant descrambler
1996 Oct 09
logo
National Semiconductor ...
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
logo
List of Unclassifed Man...
GS7060 ETC1-GS7060 Datasheet
362Kb / 2P
   DVB-ASI Deserializer
logo
National Semiconductor ...
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com