データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QSX7 データシート(PDF) 2 Page - Rohm

部品番号 QSX7
部品情報  General purpose amplification (12V, 1.5A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

QSX7 データシート(HTML) 2 Page - Rohm

  QSX7 Datasheet HTML 1Page - Rohm QSX7 Datasheet HTML 2Page - Rohm QSX7 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QSX7
Transistors
Rev.B
2/2
Packaging specifications
QSX7
TR
3000
Type
Package
Code
Basic ordering unit (pieces)
Taping
Electrical characteristic curves
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
Fig.1 DC current gain
vs. collector current
10
100
1000
Ta
=25°C
Ta
=−40°C
Ta
=100°C
VCE
=2V
Pulsed
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
Fig.2 Collector-emitter saturation voltage
base-emitter saturation voltage
vs. collector current
0.001
0.1
0.01
10
1
Ta
=25°C
Ta
=25°C
Ta
=−40°C
Ta
=−40°C
Ta
=100°C
Ta
=100°C
VBE(sat)
VCE(sat)
IC/IB
=20
Pulsed
IC/IB
=20/1
Pulsed
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
Fig.3 Collector-emitter saturation voltage
vs. collector current
0.001
0.01
0.1
1
Ta
=25°C
VCE
=2V
IC/IB
=50/1
IC/IB
=20/1
IC/IB
=10/1
0
0.001
0.01
0.1
1
10
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.4 Grounded emitter propagation
characteristics
1.5
1.0
0.5
VCE
=2V
Pulsed
Ta
=25°C
Ta
=−40°C
Ta
=100°C
−0.001
−0.01
−0.1
−1
−10
EMITTER CURRENT : IE (A)
Fig.5 Gain bandwidth product
vs. emitter current
10
100
1000
VCE
=2V
Ta
=25°C
Pulsed
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
Fig.6 Switching time
1
10
100
1000
Ta
=25°C
VCE
=2V
f
=100MHz
tstg
tdon
tr
tf
0.1
1
10
100
EMITTER TO BASE VOLTAGE : VEB (V)
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.7 Collector output capacitacitance
vs.collector-base voltage
Emitter input capacitance
vs.emitter-base voltage
1
10
100
Cib
Cob
IE
=0A
f
=1MHz
Ta
=25°C


同様の部品番号 - QSX7

メーカー部品番号データシート部品情報
logo
Rohm
QSX1 ROHM-QSX1 Datasheet
67Kb / 3P
   General purpose amplification (15V, 6A)
QSX2 ROHM-QSX2 Datasheet
68Kb / 3P
   General purpose amplification (30V, 5A)
QSX3 ROHM-QSX3 Datasheet
68Kb / 3P
   Low frequency amplifier
QSX4 ROHM-QSX4 Datasheet
69Kb / 3P
   Low frequency amplifier
QSX5 ROHM-QSX5 Datasheet
69Kb / 3P
   Low frequency amplifier
More results

同様の説明 - QSX7

メーカー部品番号データシート部品情報
logo
Rohm
2SB1689 ROHM-2SB1689 Datasheet
75Kb / 3P
   General purpose amplification (-12V, -1.5A)
2SD2702 ROHM-2SD2702 Datasheet
68Kb / 3P
   General purpose amplification (12V, 1.5A)
US6X7 ROHM-US6X7_1 Datasheet
75Kb / 3P
   General purpose amplification (12V, 1.5A)
US6X7 ROHM-US6X7 Datasheet
68Kb / 3P
   General purpose amplification (12V, 1.5A)
2SD2702 ROHM-2SD2702_1 Datasheet
75Kb / 3P
   General purpose amplification (12V, 1.5A)
2SD2674 ROHM-2SD2674 Datasheet
70Kb / 3P
   General purpose amplification (12V, 1.5A)
2SD2652 ROHM-2SD2652 Datasheet
75Kb / 3P
   General purpose amplification (12V, 1.5A)
2SB1732 ROHM-2SB1732 Datasheet
102Kb / 3P
   Genera purpose amplification(-12V, -1.5A)
2SB1709 ROHM-2SB1709 Datasheet
104Kb / 3P
   Genera purpose amplification(-12V, -1.5A)
2SB1690K ROHM-2SB1690K Datasheet
68Kb / 3P
   General purpose amplification (-12V, -2A)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com