データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WSAD92-02N データシート(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

部品番号 WSAD92-02N
部品情報  Ultrafast Dual Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
ホームページ  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WSAD92-02N データシート(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WSAD92-02N Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WSAD92-02N Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WSAD92-02N Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WSAD92-02N Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WSAD92-02N Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WSAD92-02N Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
3/6
WSAD92-02N Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
20A,200V
20A,200V
20A,200V
20A,200V Ultrafast
Ultrafast
Ultrafast
Ultrafast Dual
Dual
Dual
Dual Diode
Diode
Diode
Diode
(1) Formula used:Tc=TJ-(Pd+PdREV)×Rthjc;
Pd=Forward Power Loss=IF(AV)×VFM@(IF(AV)/D) (see Fig.3)
PdREV=Inverse Power Loss=VR1×IR(1-D); IR@VR1=rated VR
D C
Square wave (D=0.50)
Rated Vr appllied
see note(1)
0
3
6
9
1 2
1 5
1 3 0
1 4 0
1 5 0
1 6 0
1 7 0
1 8 0
Average Forward Current-I
(A )
F (AV )
1
3
5
1 0
3 0
1 0
3 0
5 0
1 0 0
3 0 0
time(at 50H z)
Fig.5 Case Temperature vs Out Current
Fig.6 Surge Capability
T =25°C
J
1
1 0
1 0 0
1 0 0 0
1 0
1 0 0
1 0 0 0
R e ve rse Vo lta g e -V (V)
R
Fig.7 Junction Capacitance Characteristics


同様の部品番号 - WSAD92-02N

メーカー部品番号データシート部品情報
logo
Shenzhen Winsemi Microe...
WSAD92-02 WINSEMI-WSAD92-02 Datasheet
327Kb / 5P
   20A,200V Ultrafast Dual Diode
WSAD92-02 WINSEMI-WSAD92-02 Datasheet
263Kb / 6P
   Ultrafast Dual Diode
WSAD92-02 WINSEMI-WSAD92-02_14 Datasheet
263Kb / 6P
   Ultrafast Dual Diode
More results

同様の説明 - WSAD92-02N

メーカー部品番号データシート部品情報
logo
Shenzhen Winsemi Microe...
WDW80DK40B WINSEMI-WDW80DK40B Datasheet
360Kb / 6P
   Ultrafast Dual Diode
WDW60DK30B WINSEMI-WDW60DK30B Datasheet
382Kb / 6P
   Ultrafast Dual Diode
WSAD92-02 WINSEMI-WSAD92-02_14 Datasheet
263Kb / 6P
   Ultrafast Dual Diode
logo
NXP Semiconductors
BYV32E-200P PHILIPS-BYV32E-200P_15 Datasheet
174Kb / 10P
   Dual ultrafast power diode
14 May 2015
BYV34X-600 NXP-BYV34X-600 Datasheet
72Kb / 9P
   Dual rectifier diode ultrafast
Rev. 01-13 September 2007
BYV32G-200 NXP-BYV32G-200 Datasheet
156Kb / 11P
   Dual ultrafast power diode
Rev. 01-11 January 2011
logo
WeEn Semiconductors
BYQ72EK-200 WEEN-BYQ72EK-200 Datasheet
545Kb / 12P
   Dual ultrafast power diode
BYV34X-600 WEEN-BYV34X-600 Datasheet
451Kb / 9P
   Dual rectifier diode ultrafast
BYV430J-600P WEEN-BYV430J-600P Datasheet
277Kb / 10P
   Dual ultrafast power diode
logo
NXP Semiconductors
BYV34-600 PHILIPS-BYV34-600_15 Datasheet
69Kb / 9P
   Dual rectifier diode ultrafast
Rev. 01-4 October 2007
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com