データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WFU4N65S データシート(PDF) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

部品番号 WFU4N65S
部品情報  Super-Junction Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
ホームページ  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFU4N65S データシート(HTML) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFU4N65S Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N65S Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N65S Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N65S Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N65S Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N65S Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N65S Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.winsemi.com
Tel : 0755-82506288
Fax : 0755-82506299
5/7
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WFU4N65S Product Description
650V
650V
650V
650V Super-Junction
Super-Junction
Super-Junction
Super-Junction Power
Power
Power
Power MOSFET
MOSFET
MOSFET
MOSFET
Fig.12 Gate Charge Test Circuit & Waveform
Fig.13 Switching Test Circuit & Waveforms
Fig.14 Unclamped Inductive Switching Test Circuit & Waveform
1 0 m A
V
G S
D U T
V
G S
V
D S
1 0 V
C har ge
R L
Qg s
Qg d
Qg
1 0 V
RG
V
G S
VD S
R
L
V
D S
VG S
D U T
9 0 %
1 0 %
t
d (o n )
t
r
t
d( off)
to n
t
o f f
tf
V
D D
V d s
I d
V g s
R g
V g s
V g s
D U T
L
V d d
V D C
+
-
V d s
I d
V g s
B V
D S S
IA R
E =1/2LI
A R
A R
2


同様の部品番号 - WFU4N65S

メーカー部品番号データシート部品情報
logo
Shenzhen Winsemi Microe...
WFU4N60 WINSEMI-WFU4N60 Datasheet
490Kb / 7P
   Silicon N-Channel MOSFET
logo
Wisdom technologies Int...
WFU4N60 WISDOM-WFU4N60 Datasheet
737Kb / 6P
   600V N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFU4N60 WINSEMI-WFU4N60 Datasheet
464Kb / 8P
   Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
WFU4N60 VBSEMI-WFU4N60 Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
logo
Shenzhen Winsemi Microe...
WFU4N60 WINSEMI-WFU4N60_14 Datasheet
464Kb / 8P
   Silicon N-Channel MOSFET
More results

同様の説明 - WFU4N65S

メーカー部品番号データシート部品情報
logo
Shenzhen Winsemi Microe...
WFU7N70S WINSEMI-WFU7N70S Datasheet
256Kb / 6P
   Super-Junction Power MOSFET
WFD4N65S WINSEMI-WFD4N65S Datasheet
172Kb / 7P
   Super-Junction Power MOSFET
WFU7N65S WINSEMI-WFU7N65S Datasheet
257Kb / 6P
   Super-Junction Power MOSFET
WFD7N65S WINSEMI-WFD7N65S Datasheet
276Kb / 6P
   650V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPA60R150C WUMC-TPA60R150C Datasheet
1Mb / 10P
   600V Super-Junction Power MOSFET
TPA60R580C WUMC-TPA60R580C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPA70R450C WUMC-TPA70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
TPD65R380C WUMC-TPD65R380C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPU70R450C WUMC-TPU70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
logo
Shenzhen Winsemi Microe...
WFF4N65S WINSEMI-WFF4N65S Datasheet
154Kb / 7P
   650V Super-Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com