データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WFP13N50C データシート(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

部品番号 WFP13N50C
部品情報  Silicon N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
ホームページ  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFP13N50C データシート(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFP13N50C Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP13N50C Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
WT-017-Rev.A0 Apr.2013
WFP13N50C Product Description
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
Features
13A,500V, RDS(on)(Max0.49Ω)@VGS=10V
Ultra-low Gate charge(Typical 37nC)
Fast Switching Capability
100%Avalanche Tested
Maximum Junction Temperature Range(150℃)
General Description
This Power MOSFET is produced using Winsemi’s trench layout-based
process.This technology improves the performances compared with
standard parts from various sources. All of these power MOSFETs are
designed for applications in switching regulators, switching convertors,
motor and relay drivers, and drivers for high power bipolar switching
transistors demanding high speed and low gate drive power.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
500
V
ID
Continuous Drain Current(@Tc=25℃)
13
A
Continuous Drain Current(@Tc=100℃)
8
A
IDM
Drain Current Pulsed
(Note1)
52
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note2)
845
mJ
IAR
Avalanche Current
(note 1)
13
A
EAR
Repetitive Avalanche Energy
(Note1)
5
mJ
dv/dt
Peak Diode Recovery dv /dt
(Note3)
4.5
V/ ns
PD
Total Power Dissipation(@Tc=25℃)
190
W
Derating Factor above 25℃
1.56
W/℃
TJ,Tstg
Junction and Storage Temperature
-55~150
TL
Channel Temperature
300
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance , Junction -to -Case
-
-
0.66
℃/W
RQJA
Thermal Resistance , Junction-to -Ambient
-
-
62.5
℃/W
G
D
S


同様の部品番号 - WFP13N50C

メーカー部品番号データシート部品情報
logo
Shenzhen Winsemi Microe...
WFP13N50 WINSEMI-WFP13N50 Datasheet
567Kb / 7P
   Silicon N-Channel MOSFET
More results

同様の説明 - WFP13N50C

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com