データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FE2X03-3-2NL データシート(PDF) 2 Page - Pulse A Technitrol Company

部品番号 FE2X03-3-2NL
部品情報  2 Phase Common Mode Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

FE2X03-3-2NL データシート(HTML) 2 Page - Pulse A Technitrol Company

  FE2X03-3-2NL Datasheet HTML 1Page - Pulse A Technitrol Company FE2X03-3-2NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
pulseelectronics.com
Current Compensated Noise
Suppression Chokes
FE 2X Series - 2 Phase Common Mode Choke
P538.F (03/15)
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 7806
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823
(Pulse)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2015. Pulse Electronics, Inc. All rights reserved.
Size
Code
A
MAX
B
MAX
C
MAX
E
F
3
.803
20,40
.724
18,40
.528
13,40
.394
10,00
.197
5,00
4
1.000
25,40
.921
23,4
.626
15,90
.492
12,50
.394
10,00
5
1.197
30,40
1.079
27,40
.724
18,40
.591
15,00
.492
12,50
6
1.394
35,40
1.276
32,40
.724
18,40
.591
15,00
.492
12,50
Size
Code
A
MAX
B
MAX
C
MAX
D
E
3
.508
12,90
.705
17,90
.705
17,90
.394
10,00
.591
15,00
4
.606
15,40
.902
22,90
.902
22,90
.492
12,50
.787
20,00
5
.705
17,90
1.098
27,90
1.098
27,90
.591
15,00
.984
25,00
8
1.000
25,40
1.709
43,40
1.669
42,40
.591
15,00
1.575
40,00
Notes: Tolerances for E & F are ±.010 / 0,25
Notes: Tolerances for D & E are ±.010 / 0,25
.028
0,70
.157
4,00
.039
1.00
F
CE
PINS VIEW
±
±
B
A
.157 ± .039
4,00 ± 1.00
.028
0,70
A
B
E
CD
1
2
7
8
PINS VIEW
Style 2 - Vertical Package
Style 3 - Horizontal Package
Mechanicals
Inches
mm
Dimensions:


同様の部品番号 - FE2X03-3-2NL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
FE2X03-3-2NL PULSE-FE2X03-3-2NL Datasheet
516Kb / 2P
   Materials meet UL-94 V-0 requirements Rated voltage: 250 Vac
FE2X03-3-2NL PULSE-FE2X03-3-2NL Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
More results

同様の説明 - FE2X03-3-2NL

メーカー部品番号データシート部品情報
logo
MPS Industries, Inc.
P504H MPSIND-P504H Datasheet
449Kb / 1P
   2 PHASE COMMON MODE CHOKE
P504V MPSIND-P504V Datasheet
449Kb / 1P
   2 PHASE COMMON MODE CHOKE
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
EPA3482S PCA-EPA3482S Datasheet
78Kb / 1P
   Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
   COMMON MODE CHOKE
logo
XFMRS Inc.
XF0063-EE35CMC XFMRS-XF0063-EE35CMC Datasheet
95Kb / 2P
   COMMON MODE CHOKE
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com