データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB85R4M2TFN-G データシート(PDF) 4 Page - Fujitsu Component Limited.

部品番号 MB85R4M2TFN-G
部品情報  4 M (256 K 횞 16) Bit
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [Fujitsu Component Limited.]
ホームページ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85R4M2TFN-G データシート(HTML) 4 Page - Fujitsu Component Limited.

  MB85R4M2TFN-G Datasheet HTML 1Page - Fujitsu Component Limited. MB85R4M2TFN-G Datasheet HTML 2Page - Fujitsu Component Limited. MB85R4M2TFN-G Datasheet HTML 3Page - Fujitsu Component Limited. MB85R4M2TFN-G Datasheet HTML 4Page - Fujitsu Component Limited. MB85R4M2TFN-G Datasheet HTML 5Page - Fujitsu Component Limited. MB85R4M2TFN-G Datasheet HTML 6Page - Fujitsu Component Limited. MB85R4M2TFN-G Datasheet HTML 7Page - Fujitsu Component Limited. MB85R4M2TFN-G Datasheet HTML 8Page - Fujitsu Component Limited. MB85R4M2TFN-G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
DS501-00024-4v0-E
MB85R4M2T
 BLOCK DIAGRAM
 FUNCTIONAL TRUTH TABLE
Operation Mode
/CE
/WE
/OE
A0 to A17
/ZZ
Sleep
×
×
×
×
L
Standby
H
×
×
×
H
Read
H
L
H or L
H
Address Access Read
L
H
L
↑ or ↓
H
Write(/CE Control)*1
L
×
H or L
H
Write(/WE Control)*1*2
L
×
H or L
H
Address Access Write*1*3
L
×
↑ or ↓
H
Pre-charge
×
×
×
H
Note: H= “H” level,
L= “L” level,
↑= Rising edge,
↓= Falling edge,
×= H, L,
↓ or ↑
*1: In writing cycle, input data is latched at early rising edge of /CE or /WE.
*2: In writing sequence of /WE control, there exists time with data output of reading cycle at the falling
edge of /CE.
*3: In writing sequence of Address Access Write, there exists time with data output of reading cycle at the
address transition.
FRAM Array
262,144×16
Column Decoder / Sense Amp.
/ Write Amp.
A0 to A17
/CE
/WE
/OE
/LB
/UB
/ZZ
Address
I/O0 to I/O15


同様の部品番号 - MB85R4M2TFN-G

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB85R4M2TFN-G-ASE1 FUJITSU-MB85R4M2TFN-G-ASE1 Datasheet
57Kb / 2P
   FRAM chip consisting of 262,144 words횞16 bits of nonvolatile memory
More results

同様の説明 - MB85R4M2TFN-G

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
logo
Fujitsu Component Limit...
MB85RS2MTPF-G FUJITSU-MB85RS2MTPF-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
logo
Cypress Semiconductor
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33_11 Datasheet
581Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM
logo
Fujitsu Component Limit...
MB85R1002ANC-GE1 FUJITSU-MB85R1002ANC-GE1 Datasheet
142Kb / 16P
   1 M Bit (64 K 횞 16)
MB85R1002A_1107 FUJITSU-MB85R1002A_1107 Datasheet
142Kb / 16P
   1 M Bit (64 K 횞 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com